Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P6KE110C-G Datasheet (PDF) - Comchip Technology

P6KE110C-G Datasheet PDF - Comchip Technology
Part # P6KE110C-G
Download  P6KE110C-G Download
File Size   132.79 Kbytes
Page   5 Pages
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology
Description 600W Transient Voltage Suppressor

P6KE110C-G Datasheet (PDF)

Go To PDF Page Download Datasheet
P6KE110C-G Datasheet PDF - Comchip Technology

Part # P6KE110C-G
Download  P6KE110C-G Click to download

File Size   132.79 Kbytes
Page   5 Pages
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology
Description 600W Transient Voltage Suppressor

P6KE110C-G Datasheet (HTML) - Comchip Technology


P6KE110C-G Product details

Stand-off Voltage: 6.8 ~ 600V Power Dissipation: 600 Watts RoHS Device

Features
-Plastic package has underwriters laboratory flammability classification 94V-0
-600W, surge capability at 1mS.
-Excellent clamping capability.
-Low Zener impedance.
-Fast response time: typically less than 1.0pS from 0 volt to BV min.
-Typical IR less than 1μA above 10V.




Similar Part No. - P6KE110C-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
P6KE110C-G COMCHIP-P6KE110C-G Datasheet
132Kb / 6P
600W Transient Voltage Suppressor
More results


Similar Description - P6KE110C-G

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
P6KE6V8CA DIODES-P6KE6V8CA Datasheet
69Kb / 4P
600W TRANSIENT VOLTAGE SUPPRESSOR
DS21502 Rev. 12 - 2
P6KE6V8CA DIODES-P6KE6V8CA_1 Datasheet
77Kb / 4P
600W TRANSIENT VOLTAGE SUPPRESSOR
DS21502 Rev. 17 - 2
logo
New Jersey Semi-Conduct...
P6KE6.8 NJSEMI-P6KE6.8 Datasheet
153Kb / 3P
600w Transient Voltage Suppressor
logo
Comchip Technology
P6KE-HF COMCHIP-P6KE-HF Datasheet
105Kb / 4P
600W Transient Voltage Suppressor
logo
Shanghai Leiditech Elec...
P6KE LEIDITECH-P6KE Datasheet
775Kb / 5P
600W Transient Voltage Suppressor
logo
WeEn Semiconductors
P6SMAL WEEN-P6SMAL Datasheet
557Kb / 7P
600W Transient Voltage Suppressor
SMBJ WEEN-SMBJ Datasheet
605Kb / 7P
600W Transient Voltage Suppressor
logo
Shanghai Leiditech Elec...
6AJ LEIDITECH-6AJ Datasheet
917Kb / 6P
600W Transient Voltage Suppressor
P6SMB LEIDITECH-P6SMB Datasheet
1Mb / 6P
600W Transient Voltage Suppressor
SMAFJ LEIDITECH-SMAFJ Datasheet
1Mb / 4P
600W Transient Voltage Suppressor
More results




About Comchip Technology


Comchip Technology is a global manufacturer of high-quality discrete semiconductors and passive components. The company was founded in 1987 and is headquartered in Taiwan.

Comchip Technology offers a wide range of products, including diodes, rectifiers, bridge rectifiers, transient voltage suppressors, and zener diodes. The company also produces a variety of passive components, such as ceramic capacitors, tantalum capacitors, and inductors.

Comchip Technology has a strong focus on research and development, and has developed a number of proprietary technologies that have helped to establish the company as a leader in its field. The company has also established strategic partnerships with other leading semiconductor manufacturers in order to further enhance its capabilities.

Comchip Technology's products are used in a variety of applications, including power management, consumer electronics, automotive, telecommunications, and industrial equipment. The company is committed to providing high-quality products and exceptional customer service, and is continuously improving its products and processes in order to better meet the needs of its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com