Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY14B256KA Datasheet (PDF) - Cypress Semiconductor

CY14B256KA Datasheet PDF - Cypress Semiconductor
Part # CY14B256KA
Download  CY14B256KA Download
File Size   755.53 Kbytes
Page   26 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 256 Kbit (32K x 8) nvSRAM with Real Time Clock

CY14B256KA Datasheet (PDF)

Go To PDF Page Download Datasheet
CY14B256KA Datasheet PDF - Cypress Semiconductor

Part # CY14B256KA
Download  CY14B256KA Click to download

File Size   755.53 Kbytes
Page   26 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 256 Kbit (32K x 8) nvSRAM with Real Time Clock

CY14B256KA Datasheet (HTML) - Cypress Semiconductor


CY14B256KA Product details

Functional Description
The Cypress CY14B256KA combines a 256-Kbit nonvolatile static RAM with a full featured real time clock in a monolithic integrated circuit. The embedded nonvolatile elements incorporate QuantumTrap technology producing the world’s most reliable nonvolatile memory. The SRAM is read and written an infinite number of times, while independent nonvolatile data resides in the nonvolatile elements.

Features
■ 256-Kbit nonvolatile static random access memory (nvSRAM)
    ❐ 25 ns and 45 ns access times
    ❐ Internally organized as 32 K × 8 (CY14B256KA)
    ❐ Hands off automatic STORE on power-down with only a small capacitor
    ❐ STORE to QuantumTrap nonvolatile elements is initiated by software, hardware, or AutoStore on power-down
    ❐ RECALL to SRAM initiated on power-up or by software
■ High reliability
    ❐ Infinite Read, Write, and RECALL cycles
    ❐ 1 million STORE cycles to QuantumTrap
    ❐ 20 year data retention
■ Real time clock (RTC)
    ❐ Full-featured real time clock
    ❐ Watchdog timer
    ❐ Clock alarm with programmable interrupts
    ❐ Capacitor or battery backup for RTC
    ❐ Backup current of 0.35 µA (Typ)
■ Industry standard configurations
    ❐ Single 3 V +20%, –10% operation
    ❐ Industrial temperature
    ❐ 48-pin shrink small-outline package (SSOP)
    ❐ Pb-free and Restriction of hazardous substances (RoHS) compliant




Similar Part No. - CY14B256KA

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B256KA CYPRESS-CY14B256KA Datasheet
913Kb / 27P
256-Kbit (32 K 횞 8) nvSRAM with Real Time Clock
CY14B256KA-SP25XI CYPRESS-CY14B256KA-SP25XI Datasheet
913Kb / 27P
256-Kbit (32 K 횞 8) nvSRAM with Real Time Clock
CY14B256KA-SP25XI CYPRESS-CY14B256KA-SP25XI Datasheet
934Kb / 27P
256-Kbit (32 K 횞 8) nvSRAM with Real Time Clock
CY14B256KA-SP25XIT CYPRESS-CY14B256KA-SP25XIT Datasheet
913Kb / 27P
256-Kbit (32 K 횞 8) nvSRAM with Real Time Clock
CY14B256KA-SP25XIT CYPRESS-CY14B256KA-SP25XIT Datasheet
934Kb / 27P
256-Kbit (32 K 횞 8) nvSRAM with Real Time Clock
More results


Similar Description - CY14B256KA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STK1744 ETC-STK1744 Datasheet
315Kb / 12P
32K x 8 AutoStore nvSRAM with Real-Time Clock
logo
Cypress Semiconductor
CY14B256K CYPRESS-CY14B256K Datasheet
1Mb / 23P
256-Kbit (32K x 8) nvSRAM with Real-Time-Clock
CY14B256L CYPRESS-CY14B256L Datasheet
1Mb / 17P
256-Kbit (32K x 8) nvSRAM
CY14E256L CYPRESS-CY14E256L Datasheet
799Kb / 16P
256-Kbit (32K x 8) nvSRAM
logo
Simtek Corporation
STK17T88 SIMTEK-STK17T88_08 Datasheet
535Kb / 29P
32K x 8 AutoStore nvSRAM with Real-Time Clock
logo
Cypress Semiconductor
CY14B256K CYPRESS-CY14B256K_09 Datasheet
796Kb / 28P
256 Kbit (32K x 8) nvSRAM with Real Time Clock
CY14E256L CYPRESS-CY14E256L_09 Datasheet
1Mb / 18P
256 Kbit (32K x 8) nvSRAM
STK17T88 CYPRESS-STK17T88 Datasheet
603Kb / 22P
32K x 8 AutoStore nvSRAM with Real Time Clock
CY14B256LA CYPRESS-CY14B256LA Datasheet
648Kb / 21P
256 Kbit (32K x 8) nvSRAM
CY14C256PA CYPRESS-CY14C256PA_13 Datasheet
1Mb / 43P
256-Kbit (32 K x 8) SPI nvSRAM with Real Time Clock
More results




About Cypress Semiconductor


Cypress Semiconductor is an American company that specializes in the design and manufacture of high-performance digital and analog integrated circuits (ICs).
The company was founded in 1982 and is headquartered in San Jose, California, USA.
Cypress offers a wide range of products including microcontrollers, memory products, wireless connectivity solutions, and other digital and analog ICs.
The company's products are used in various applications such as consumer electronics, automotive systems, industrial systems, and more.
Cypress is known for its expertise in mixed-signal and programmable system-on-a-chip (PSoC) technology, high-quality products, and innovation in the field of embedded systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com