Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTGS3130N Datasheet (PDF) - ON Semiconductor

NTGS3130N Datasheet PDF - ON Semiconductor
Part # NTGS3130N
Download  NTGS3130N Download
File Size   93.12 Kbytes
Page   5 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Power MOSFET 20 V, 5.6 A Single N-Channel, TSOP-6

NTGS3130N Datasheet (PDF)

Go To PDF Page Download Datasheet
NTGS3130N Datasheet PDF - ON Semiconductor

Part # NTGS3130N
Download  NTGS3130N Click to download

File Size   93.12 Kbytes
Page   5 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Power MOSFET 20 V, 5.6 A Single N-Channel, TSOP-6

NTGS3130N Datasheet (HTML) - ON Semiconductor




Similar Part No. - NTGS3130N

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTGS3130N ONSEMI-NTGS3130N Datasheet
120Kb / 6P
Power MOSFET
August, 2014 ??Rev. 1
NTGS3130NT1G ONSEMI-NTGS3130NT1G Datasheet
120Kb / 6P
Power MOSFET
August, 2014 ??Rev. 1
logo
VBsemi Electronics Co.,...
NTGS3130NT1G VBSEMI-NTGS3130NT1G Datasheet
475Kb / 9P
N-Channel 30 V (D-S) MOSFET
logo
ON Semiconductor
NTGS3130N ONSEMI-NTGS3130N_14 Datasheet
120Kb / 6P
Power MOSFET
August, 2014 ??Rev. 1
More results


Similar Description - NTGS3130N

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTGS4111P ONSEMI-NTGS4111P Datasheet
71Kb / 5P
Power MOSFET (-30 V, -4.7 A, Single P-Channel, TSOP-6)
April, 2006 ??Rev. 2
NTGS3441P ONSEMI-NTGS3441P_06 Datasheet
64Kb / 6P
Power MOSFET -20 V, -3.16 A, Single P-Channel TSOP-6
January, 2006 ??Rev. 0
NTGD3148N ONSEMI-NTGD3148N Datasheet
82Kb / 5P
Power MOSFET 20 V, 3.5 A, Dual N-Channel, TSOP-6
April, 2008 - Rev. 0
NTGS3136P ONSEMI-NTGS3136P Datasheet
119Kb / 5P
Power MOSFET -20 V, -5.8 A, Single P-Channel, TSOP-6
August, 2007 - Rev. 0
NTGS3447P ONSEMI-NTGS3447P Datasheet
95Kb / 6P
Power MOSFET -12 V, -5.3 A, Single P-Channel, TSOP-6
August, 2007 - Rev. 0
NTGS3441B ONSEMI-NTGS3441B Datasheet
94Kb / 6P
Power MOSFET -20 V, -3.5 A, Single P-Channel, TSOP-6
November, 2007 - Rev. 0
NTGS3443B ONSEMI-NTGS3443B Datasheet
96Kb / 6P
Power MOSFET -20 V, -4.2 A, Single P-Channel, TSOP-6
November, 2007 - Rev. 0
NTGS4141N ONSEMI-NTGS4141N Datasheet
68Kb / 5P
Power MOSFET 30 V, 7.0 A, Single N?묬hannel, TSOP??
February, 2006 ??Rev. 1
NVTYS005N04C ONSEMI-NVTYS005N04C Datasheet
340Kb / 7P
MOSFET ??Power, Single N-Channel 40 V, 5.6 m, 71 A
May, 2021 ??Rev. 1
NVTFS005N04C ONSEMI-NVTFS005N04C Datasheet
203Kb / 7P
Power MOSFET 40 V, 5.6 m, 69 A, Single N-Channel
January, 2019 - Rev. 1
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com