Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5009MM Datasheet (PDF) - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
LM5009MM Datasheet PDF - National Semiconductor (TI)
Part # LM5009MM
Download  LM5009MM Download
File Size   345.48 Kbytes
Page   16 Pages
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)
Description 150 mA, 100V Step-Down Switching Regulator

LM5009MM Datasheet (PDF)

Go To PDF Page Download Datasheet
LM5009MM Datasheet PDF - National Semiconductor (TI)

Part # LM5009MM
Download  LM5009MM Click to download

File Size   345.48 Kbytes
Page   16 Pages
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)
Description 150 mA, 100V Step-Down Switching Regulator

LM5009MM Datasheet (HTML) - National Semiconductor (TI)




Similar Part No. - LM5009MM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5009MM NSC-LM5009MM Datasheet
637Kb / 14P
150 mA, 100V Step-Down Switching Regulator
logo
Texas Instruments
LM5009MM TI-LM5009MM Datasheet
994Kb / 26P
Wide Input, 100-V,150-mA, Step-Down Switching Regulator
LM5009MM/NOPB TI-LM5009MM/NOPB Datasheet
994Kb / 26P
Wide Input, 100-V,150-mA, Step-Down Switching Regulator
LM5009MM/NOPB TI2-LM5009MM/NOPB Datasheet
1Mb / 29P
LM5009 Wide Input, 100-V,150-mA, Step-Down Switching Regulator
REVISED MAY 2021
LM5009MM/NOPB.A TI2-LM5009MM/NOPB.A Datasheet
1Mb / 29P
LM5009 Wide Input, 100-V,150-mA, Step-Down Switching Regulator
REVISED MAY 2021
More results


Similar Description - LM5009MM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5008 NSC-LM5008 Datasheet
278Kb / 15P
High Voltage (100V) Step Down Switching Regulator
LM5009 NSC-LM5009 Datasheet
637Kb / 14P
150 mA, 100V Step-Down Switching Regulator
LM2694 NSC-LM2694 Datasheet
760Kb / 19P
30V, 600 mA Step Down Switching Regulator
LM5008 NSC-LM5008_09 Datasheet
389Kb / 16P
High Voltage (100V) Step Down Switching Regulator
logo
Texas Instruments
LM5008EP TI1-LM5008EP Datasheet
384Kb / 16P
High Voltage (100V) Step Down Switching Regulator
LM5009MMX TI-LM5009MMX Datasheet
949Kb / 22P
150-mA 100-V Step-Down Switching Regulator
LM5009 TI1-LM5009_14 Datasheet
943Kb / 22P
150-mA 100-V Step-Down Switching Regulator
LM5008 TI1-LM5008_14 Datasheet
1Mb / 21P
High Voltage (100V) Step Down Switching Regulator
LM5009 TI-LM5009_15 Datasheet
994Kb / 26P
Wide Input, 100-V,150-mA, Step-Down Switching Regulator
SM72485 TI-SM72485_15 Datasheet
1Mb / 23P
100V, 150 mA Constant On-Time Buck Switching Regulator
More results




About National Semiconductor (TI)


National Semiconductor was an American semiconductor company that was founded in 1959.
The company was known for its innovations in the field of analog and mixed-signal integrated circuits and was a leading supplier of power management and data conversion products.
National Semiconductor's products were used in a variety of applications including consumer electronics, industrial, automotive, and telecommunications.
The company was acquired by Texas Instruments in 2011 and its products and technologies continue to be developed and sold under the Texas Instruments brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com