Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BO1602E Datasheet (PDF) - Bolymin, Inc

BO1602E Datasheet PDF - Bolymin, Inc
Part # BO1602E
Download  BO1602E Download
File Size   208.67 Kbytes
Page   1 Pages
Manufacturer  BOLYMIN [Bolymin, Inc]
Direct Link  http://www.bolymin.com.tw
Logo BOLYMIN - Bolymin, Inc
Description COG package 5x7 dot with cursor

BO1602E Datasheet (PDF)

Go To PDF Page Download Datasheet
BO1602E Datasheet PDF - Bolymin, Inc

Part # BO1602E
Download  BO1602E Click to download

File Size   208.67 Kbytes
Page   1 Pages
Manufacturer  BOLYMIN [Bolymin, Inc]
Direct Link  http://www.bolymin.com.tw
Logo BOLYMIN - Bolymin, Inc
Description COG package 5x7 dot with cursor

BO1602E Datasheet (HTML) - Bolymin, Inc


BO1602E Product details

Feature

1. COG package

2. 5x7 dot with cursor

3. Built-in controller ST7032i

4. +3.3V single power supply

5. 1/16 duty cycle

6. I2C series interface



Mechanical Data

Item    Standard Value Unit

Module Dimension    103.0 x 36.0 mm

Viewing Area       99.0 x 24 mm

Dot Size           0.92 x 1.1 mm

Character Size      4.84 x 9.22 mm




Similar Part No. - BO1602E

ManufacturerPart #DatasheetDescription
logo
Bolymin, Inc
BO1602E BOLYMIN-BO1602E_17 Datasheet
494Kb / 1P
COK package
More results


Similar Description - BO1602E

ManufacturerPart #DatasheetDescription
logo
Bolymin, Inc
BC1602B3 BOLYMIN-BC1602B3 Datasheet
141Kb / 1P
COB with metal frame 5x7 dots with cursor
BC1602G BOLYMIN-BC1602G Datasheet
82Kb / 1P
COB with metal frame 5x7 dots with cursor
BC2004A20 BOLYMIN-BC2004A20 Datasheet
115Kb / 1P
COB with metal frame 5x7 dots with cursor
BO1602B BOLYMIN-BO1602B Datasheet
182Kb / 1P
COG package 5x7 dots with cursor, with icons
BC1602L BOLYMIN-BC1602L Datasheet
366Kb / 1P
COB with metal frame 5x7 dot with cursor
BO1602D BOLYMIN-BO1602D Datasheet
199Kb / 1P
COG package 5x7 dots with cursor, with icons
BO2002A BOLYMIN-BO2002A Datasheet
104Kb / 1P
COG package 5x7 dot with cursor
BO2002B BOLYMIN-BO2002B Datasheet
167Kb / 1P
COG package 5x7 dot with cursor
BC1601B BOLYMIN-BC1601B Datasheet
94Kb / 1P
COB with metal frame 5x7 dots with cursor
logo
DB Lectro Inc
WH2001B DBLECTRO-WH2001B Datasheet
409Kb / 2P
5x7 dots includes cursor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com