Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APA2037 Datasheet (PDF) - Anpec Electronics Coropration

APA2037 Datasheet PDF - Anpec Electronics Coropration
Part # APA2037
Download  APA2037 Download
File Size   463.58 Kbytes
Page   23 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description 3W Stereo Fully Differential Audio Power Amplifier

APA2037 Datasheet (PDF)

Go To PDF Page Download Datasheet
APA2037 Datasheet PDF - Anpec Electronics Coropration

Part # APA2037
Download  APA2037 Click to download

File Size   463.58 Kbytes
Page   23 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description 3W Stereo Fully Differential Audio Power Amplifier

APA2037 Datasheet (HTML) - Anpec Electronics Coropration


APA2037 Product details

General Description
The APA2037 is a stereo, fully differential Class-AB audio amplifier which can operate with supply voltage from 2.4V to 5V and is available in a TQFN5x5-20A package.

Features
● Operating Voltage: 2.4V~5.5V
● Fully Differential Class-AB Amplifier
● High PSRR and Excellent RF Rectification Immunity
● Low Crosstalk
● 3W Per Channel Output Power into 3W Load at VDD=5V
● Thermal and Over-Current Protections
● Built-in Feedback Resistors Eliminate External Components Counts
● Space Saving Package
    – TQFN5x5-20A
● Lead Free and Green Devices Available (RoHS Compliant)

Applications
● LCD TVs
● Notebook, PCs
● Portable Devices




Similar Part No. - APA2037

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APA2037QBI-TRG ANPEC-APA2037QBI-TRG Datasheet
501Kb / 24P
3W Stereo Fully Differential Audio Power Amplifier
APA2037 ANPEC-APA2037_09 Datasheet
501Kb / 24P
3W Stereo Fully Differential Audio Power Amplifier
More results


Similar Description - APA2037

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA6020A2 TI-TPA6020A2 Datasheet
1Mb / 25P
2.8-W STEREO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Eutech Microelectronics...
EUA4996 EUTECH-EUA4996 Datasheet
900Kb / 12P
2.8-W Stereo Fully Differential Audio Power Amplifier
EUA6204A EUTECH-EUA6204A Datasheet
384Kb / 11P
3W Mono Fully Differential Audio Power Amplifier
logo
Anpec Electronics Corop...
APA0715 ANPEC-APA0715 Datasheet
430Kb / 25P
3W Mono Fully Differential Audio Power Amplifier
APA0714 ANPEC-APA0714 Datasheet
462Kb / 25P
3W Mono Fully Differential Audio Power Amplifier
APA2037 ANPEC-APA2037_09 Datasheet
501Kb / 24P
3W Stereo Fully Differential Audio Power Amplifier
APA2060 ANPEC-APA2060 Datasheet
594Kb / 30P
2.4W Stereo Fully Differential Audio Power Amplifier With Stereo Class AB
APA2061 ANPEC-APA2061 Datasheet
595Kb / 29P
2.4W Stereo Fully Differential Audio Power Amplifier With Stereo Class AB Cap-free
logo
Unisonic Technologies
UPA2008 UTC-UPA2008 Datasheet
301Kb / 8P
3W STEREO CLASS-D AUDIO POWER AMPLIFIER
logo
Shenzhen Huazhimei Semi...
HM2010A HMSEMI-HM2010A Datasheet
712Kb / 7P
3W Class D Fully Differential Input Mono Audio Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com