Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APA2058 Datasheet (PDF) - Anpec Electronics Coropration

APA2058 Datasheet PDF - Anpec Electronics Coropration
Part # APA2058
Download  APA2058 Download
File Size   591.68 Kbytes
Page   28 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description 2.4W Stereo Fully Differential Audio Power Amplifier With Stereo Class AB Cap-free Headphone Driver and LDO

APA2058 Datasheet (PDF)

Go To PDF Page Download Datasheet
APA2058 Datasheet PDF - Anpec Electronics Coropration

Part # APA2058
Download  APA2058 Click to download

File Size   591.68 Kbytes
Page   28 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description 2.4W Stereo Fully Differential Audio Power Amplifier With Stereo Class AB Cap-free Headphone Driver and LDO

APA2058 Datasheet (HTML) - Anpec Electronics Coropration


APA2058 Product details

General  Description

The APA2058 is a stereo fully  di fferential audio power amplifier with stereo Class-AB cap-free headphone driver and LDO available in a TQF N5X5-32A  pins package. The built-in gain setting at  power amplifier can minimize the external component counts.  For the flexible application, the  gain  can  be  set to 4-steps,  10, 12,  15.6,  and  21.6dB by gain  control  pins  (GAIN0  and  GAIN1).  The power a mplifier’ sfully differential architecture provides  high  PSRR,  in creased immunity to noise and RF rectification.



Features

·  Meeting  VISTATM Requirement

·  Fully Differential  Power  Amplifier with Excellent RF  Rectification  Immunity

·  No  Output  Capacitor Required for Head Phone Driver

·  Integrated  LDO  (Low  Dropout  Regulator)  for Audio Codec  (3.3V)

·  Adjustable Gain Setting  for  Power Amplifier

·  AV=-1.5V/V  Fixed  Gain  Setting for  Headphone Driver

·  Fast Start-up Time

·  Integrated  De-Pop  Circuitry

·  High  PSRR  (Power  Supply  Rejection  Ratio)

·  Thermal and Over-Current Protections

·  Less External Components Required

·  Space Saving Package

    – TQF N5x5-32A

·  Lead Free and Green Devices Available(RoHS Compliant)



Applications

·  LCD  Monitor

·  Notebook

·  Protable  DVD




Similar Part No. - APA2058

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APA2058 ANPEC-APA2058 Datasheet
602Kb / 29P
2.4W Stereo Fully Differential Audio Power Amplifier With Stereo Class AB Cap-free Headphone Driver and LDO
APA2058QBI-TRG ANPEC-APA2058QBI-TRG Datasheet
602Kb / 29P
2.4W Stereo Fully Differential Audio Power Amplifier With Stereo Class AB Cap-free Headphone Driver and LDO
APA2058 ANPEC-APA2058_10 Datasheet
602Kb / 29P
2.4W Stereo Fully Differential Audio Power Amplifier With Stereo Class AB Cap-free Headphone Driver and LDO
More results


Similar Description - APA2058

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MS6308 ETC-MS6308 Datasheet
82Kb / 5P
Class AB stereo headphone driver
logo
Anpec Electronics Corop...
APA2058 ANPEC-APA2058_10 Datasheet
602Kb / 29P
2.4W Stereo Fully Differential Audio Power Amplifier With Stereo Class AB Cap-free Headphone Driver and LDO
APA2060 ANPEC-APA2060 Datasheet
594Kb / 30P
2.4W Stereo Fully Differential Audio Power Amplifier With Stereo Class AB
APA2061 ANPEC-APA2061 Datasheet
595Kb / 29P
2.4W Stereo Fully Differential Audio Power Amplifier With Stereo Class AB Cap-free
APA2603A ANPEC-APA2603A Datasheet
607Kb / 28P
2.8W Stereo Class-D Audio Power Amplifier and Class AB Headphone Driver
APA2606 ANPEC-APA2606 Datasheet
551Kb / 27P
2.8W Stereo Class-D Audio Power Amplifier and Class AB Headphone Driver
APA2603A ANPEC-APA2603A_18 Datasheet
514Kb / 28P
2.8W Stereo Class-D Audio Power Amplifier and Class AB Headphone Driver
APA2604C ANPEC-APA2604C Datasheet
510Kb / 30P
3W Stereo Class-D Audio Power Amplifier and Class AB Headphone Driver
APA2606 ANPEC-APA2606_17 Datasheet
462Kb / 27P
2.8W Stereo Class-D Audio Power Amplifier and Class AB Headphone Driver
logo
Diodes Incorporated
PAM8019 DIODES-PAM8019 Datasheet
776Kb / 12P
3W STEREO CLASS-D AUDIO AMPLIFIER AND CLASS AB HEADPHONE DRIVER
Rev 1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com