Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APL3201 Datasheet (PDF) - Anpec Electronics Coropration

APL3201 Datasheet PDF - Anpec Electronics Coropration
Part # APL3201
Download  APL3201 Download
File Size   255.4 Kbytes
Page   16 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description Li Battery Charger with Thermal Regulation

APL3201 Datasheet (PDF)

Go To PDF Page Download Datasheet
APL3201 Datasheet PDF - Anpec Electronics Coropration

Part # APL3201
Download  APL3201 Click to download

File Size   255.4 Kbytes
Page   16 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description Li Battery Charger with Thermal Regulation

APL3201 Datasheet (HTML) - Anpec Electronics Coropration


APL3201 Product details

General Description

The APL3201 is a constant-current/constant-voltage linear charger for single cell Li+ batteries.

The APL3201 needs no external MOSFET or diodes, and accepts input voltage up to 6.0V. The small packages and low external component count make the APL3201 ideally suited for portable applications.



Features

· Programmable Charge Current Up to 1A

· Charge Status Output Pins

· Soft-Start Limits Inrush Current

· 4.2V Charge Voltage with ±1% Accuracy

· Fixed 55mA Prequal Charge Current

· Thermal Limiting Simplifies Board Design

· External Thermistor Monitor

· Enable/Disable Control

· 3mm x 3mm DFN-10 Package (DFN3x3-10)

· Disable Charging When VIN > 6.4V

· Lead Free and Green Devices Available (RoHS Compliant)



Applications

· PDAs

· MP3 Players

· Cell Phones

· Wireless Appliances



 




Similar Part No. - APL3201

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL3200 ANPEC-APL3200 Datasheet
385Kb / 24P
Dual-Input, USB/AC Adapter, 1-Cell Li Charger with OVP and Thermal Regulation
APL3200QAI-TRG ANPEC-APL3200QAI-TRG Datasheet
385Kb / 24P
Dual-Input, USB/AC Adapter, 1-Cell Li Charger with OVP and Thermal Regulation
APL3200QBI-TRG ANPEC-APL3200QBI-TRG Datasheet
385Kb / 24P
Dual-Input, USB/AC Adapter, 1-Cell Li Charger with OVP and Thermal Regulation
APL3202 ANPEC-APL3202 Datasheet
275Kb / 18P
Li Battery Charger with Thermal Regulation
APL3202BI-TRG ANPEC-APL3202BI-TRG Datasheet
275Kb / 18P
Li Battery Charger with Thermal Regulation
More results


Similar Description - APL3201

ManufacturerPart #DatasheetDescription
logo
FOSLINK SEMICONDUCTOR C...
FSP4054 FOSLINK-FSP4054 Datasheet
445Kb / 15P
Standalone Linear Li-ion Battery Charger with Thermal Regulation
logo
STMicroelectronics
STBC21 STMICROELECTRONICS-STBC21 Datasheet
1Mb / 54P
LI battery charger with thermal regulation
07-Jun-2012
logo
Anpec Electronics Corop...
APL3202 ANPEC-APL3202 Datasheet
275Kb / 18P
Li Battery Charger with Thermal Regulation
logo
TECHCODE SEMICONDUCTOR,...
TD9054 TECHCODE-TD9054 Datasheet
320Kb / 9P
Standalone Linear Li-lon Battery Charger with Thermal Regulation
logo
SHOUDING Shouding Semic...
SD6003 SHOUDING-SD6003 Datasheet
332Kb / 7P
Standalone Linear Li-Lon Battery Charger with Thermal Regulation
SD8003 SHOUDING-SD8003 Datasheet
1Mb / 7P
Standalone Linear Li-Lon Battery Charger with Thermal Regulation
logo
Shenzhen Huazhimei Semi...
HM4057C HMSEMI-HM4057C Datasheet
577Kb / 10P
Standalone Linear Li-Ion Battery Charger with Thermal Regulation
logo
List of Unclassifed Man...
XT2055 ETC1-XT2055 Datasheet
257Kb / 10P
Standalone Linear Li-Ion Battery Charger with Thermal Regulation
logo
Shenzhen Huazhimei Semi...
HM4057D HMSEMI-HM4057D Datasheet
314Kb / 6P
Standalone Linear Li-Lon Battery Charger with Thermal Regulation
logo
AiT Semiconductor Inc.
A4059 AITSEMI-A4059 Datasheet
481Kb / 12P
BATTERY MANAGEMENT STANDALONE LINEAR LI-ION BATTERY CHARGER WITH THERMAL REGULATION
REV1.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com