Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APL5537 Datasheet (PDF) - Anpec Electronics Coropration

APL5537 Datasheet PDF - Anpec Electronics Coropration
Part # APL5537
Download  APL5537 Download
File Size   355.84 Kbytes
Page   16 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description Dual Channel 300mA Low Dropout Linear Regulator

APL5537 Datasheet (PDF)

Go To PDF Page Download Datasheet
APL5537 Datasheet PDF - Anpec Electronics Coropration

Part # APL5537
Download  APL5537 Click to download

File Size   355.84 Kbytes
Page   16 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description Dual Channel 300mA Low Dropout Linear Regulator

APL5537 Datasheet (HTML) - Anpec Electronics Coropration


APL5537 Product details

General Description
The APL5537 is a dual channel low dropout linear regulator, which operates from 2.5V to 5.5V input voltage and delivers up to 300mA output current at each channel. Typical dropout voltage is only 240mV at 300mA.
The APL5537 with low quiescent current, high PSRR, and low noise is ideal for battery powered system appliances. Other features include logic-controlled shutdown mode, over-temperature protection, short-circuit current-limit, and current-limit protection to ensure specified output current. The APL5537 is available in the TSOT-23-6A and TDFN 1.6x1.6-6 packages.

Features
• Dual Regulator Outputs
• Low Dropout Voltage: Typical 240mV at 300mA
• Wide Input Voltage Range: 2.5V to 5.5V
• Low Quiescent Current: Typical 58mA
• High PSRR: 70dB at 1kHz
• Low Shutdown Current: <1mA
• Shutdown Function
• Output Current-Limit Protection
• Short-Circuit Current-Limit Protection
• Over-Temperature Protection
• Lead Free and Green Devices Available
   (RoHS Compliant)

Applications
• Mobile Phone
• GPS Navigation
• Blue Tooth Headset




Similar Part No. - APL5537

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5537 ANPEC-APL5537 Datasheet
354Kb / 16P
Dual Channel 300mA Low Dropout Linear Regulator
APL5537 ANPEC-APL5537 Datasheet
292Kb / 16P
DualChannel 300mALowDropout Linear Regulator
APL55375MCTI-TRG ANPEC-APL55375MCTI-TRG Datasheet
354Kb / 16P
Dual Channel 300mA Low Dropout Linear Regulator
APL55375MQBI-TRG ANPEC-APL55375MQBI-TRG Datasheet
354Kb / 16P
Dual Channel 300mA Low Dropout Linear Regulator
APL55377MCTI-TRG ANPEC-APL55377MCTI-TRG Datasheet
354Kb / 16P
Dual Channel 300mA Low Dropout Linear Regulator
More results


Similar Description - APL5537

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1739 AIC-AIC1739 Datasheet
99Kb / 6P
300mA Low Dropout Linear Regulator
logo
List of Unclassifed Man...
SS6734G ETC-SS6734G Datasheet
467Kb / 9P
300MA LOW DROPOUT LINEAR REGULATOR
logo
Analog Intergrations Co...
AIC1734 AIC-AIC1734 Datasheet
373Kb / 9P
300mA Low Dropout Linear Regulator
logo
Silicon Standard Corp.
SS6732 SSC-SS6732 Datasheet
385Kb / 7P
300mA Low Dropout Linear Regulator
SS6734G SSC-SS6734G Datasheet
455Kb / 9P
300mA Low Dropout Linear Regulator
logo
Anpec Electronics Corop...
APL5537 ANPEC-APL5537_11 Datasheet
354Kb / 16P
Dual Channel 300mA Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8865 A-POWER-APE8865_14 Datasheet
376Kb / 6P
300mA LOW DROPOUT LINEAR REGULATOR
APE8800 A-POWER-APE8800_16 Datasheet
135Kb / 8P
300mA LOW DROPOUT LINEAR REGULATOR
APE8865 A-POWER-APE8865_16 Datasheet
338Kb / 6P
300mA LOW DROPOUT LINEAR REGULATOR
APE8867 A-POWER-APE8867_16 Datasheet
383Kb / 8P
300mA LOW DROPOUT LINEAR REGULATOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com