Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APW7098 Datasheet (PDF) - Anpec Electronics Coropration

APW7098 Datasheet PDF - Anpec Electronics Coropration
Part # APW7098
Download  APW7098 Download
File Size   657.83 Kbytes
Page   30 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description Two- Phase Buck PWM Controller with Integrated MOSFET Drivers

APW7098 Datasheet (PDF)

Go To PDF Page Download Datasheet
APW7098 Datasheet PDF - Anpec Electronics Coropration

Part # APW7098
Download  APW7098 Click to download

File Size   657.83 Kbytes
Page   30 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description Two- Phase Buck PWM Controller with Integrated MOSFET Drivers

APW7098 Datasheet (HTML) - Anpec Electronics Coropration


APW7098 Product details

General  Description

The  APW7098, two-phase PWM control  IC, provides  a precision voltage regulation  system for advanced graphic microprocessors  in  graphics  car d  applications.   The i ntegrati on of power MOSFET drivers into the controller IC and  reduces  the  number of  external  parts for  a  cost and  space saving  power  management  solution.



Features

•    Voltage-Mode Operation with Current Sharing

     - Adjustable Feedback Compensation

     - Fast Load Transient Response

•    Operate with 8V~13.2VCC Supply V oltage

•    Selectable External or Internal 0.6V Reference

      - ±1.5% Accuracy Over Temperature

•    Support Single- and Two-Phase Operations

•    5VCC and Buffered Reference Outputs

•    8~12V Gate Drivers with Internal Bootstrap

     Diode

•    Lossless Inductor DCR Current Sensing

•    Selectable Operation Frequency

     - 150k/300k/400kHz per Phase

•    Power-OK Indicator Output

     - Regulated 1.5V on REFOUT/POK

•    Adjustable Over-Current Protection (OCP)

•    Accurate Load Line (DROOP) Programming

•    Adjustable Soft-Start

•    Over-Voltage Protection (OVP)

•    Under-Voltage Protection (UVP)

•    Over-Temperature Protection (OTP)

•    QFN4x4 24-Lead Package (QFN4x4-24A)

•    Lead Free and Green Devices Available (RoHS Compliant)



Applications

• Graphics Card GPU Core Power Supply

• Motherboard Chipset or DDR SDRAM Core Power Supply

• On-board High Power PWM Converter with Out put Current up to 60A



 




Similar Part No. - APW7098

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7098 ANPEC-APW7098 Datasheet
655Kb / 30P
Two- Phase Buck PWM Controller with Integrated MOSFET Drivers
APW7098QAE-TRG ANPEC-APW7098QAE-TRG Datasheet
655Kb / 30P
Two- Phase Buck PWM Controller with Integrated MOSFET Drivers
APW7098 ANPEC-APW7098_11 Datasheet
655Kb / 30P
Two- Phase Buck PWM Controller with Integrated MOSFET Drivers
More results


Similar Description - APW7098

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6315 INTERSIL-ISL6315 Datasheet
519Kb / 20P
Two-Phase Multiphase Buck PWM Controller with Integrated MOSFET Drivers
February 10, 2006
ISL6315 INTERSIL-ISL6315_07 Datasheet
392Kb / 20P
Two-Phase Multiphase Buck PWM Controller with Integrated MOSFET Drivers
logo
Anpec Electronics Corop...
APW7088 ANPEC-APW7088 Datasheet
584Kb / 25P
Two-Phase Buck PWM Controller with Integrated MOSFET Drivers
logo
Intersil Corporation
ISL6563 INTERSIL-ISL6563 Datasheet
516Kb / 19P
Two-Phase Multiphase Buck PWM Controller with Integrated MOSFET Drivers
ISL8101 INTERSIL-ISL8101 Datasheet
404Kb / 20P
Two-Phase Multiphase Buck PWM Controller with Integrated MOSFET Drivers
July 28, 2008
logo
Anpec Electronics Corop...
APW7098 ANPEC-APW7098_11 Datasheet
655Kb / 30P
Two- Phase Buck PWM Controller with Integrated MOSFET Drivers
logo
Renesas Technology Corp
ISL6315 RENESAS-ISL6315 Datasheet
907Kb / 20P
Two-Phase Multiphase Buck PWM Controller with Integrated MOSFET Drivers
ISL6567 RENESAS-ISL6567 Datasheet
1Mb / 26P
Multipurpose Two-Phase Buck PWM Controller with Integrated MOSFET Drivers
ISL6563 RENESAS-ISL6563 Datasheet
931Kb / 20P
Two-Phase Multiphase Buck PWM Controller with Integrated MOSFET Drivers
ISL8101 RENESAS-ISL8101 Datasheet
904Kb / 20P
Two-Phase Multiphase Buck PWM Controller with Integrated MOSFET Drivers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com