Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC5565APL Datasheet (PDF) - Toshiba Semiconductor

TC5565APL Datasheet PDF - Toshiba Semiconductor
Part # TC5565APL
Download  TC5565APL Download
File Size   119.33 Kbytes
Page   9 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 65,536 bit static random access memory organized as 8,192 words by 8 bits using CMOS technology

TC5565APL Datasheet (PDF)

Go To PDF Page Download Datasheet
TC5565APL Datasheet PDF - Toshiba Semiconductor

Part # TC5565APL
Download  TC5565APL Click to download

File Size   119.33 Kbytes
Page   9 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 65,536 bit static random access memory organized as 8,192 words by 8 bits using CMOS technology

TC5565APL Datasheet (HTML) - Toshiba Semiconductor


TC5565APL Product details

DESCRIPTION

The TC5565APL/AFL is 65,536 bit static random access memory organized as 8,192 words by 8 bits using CMOS technology, and operates from a single 5V supply. Advanced circuit techniques provide both high speed and low power features with a maximum operating current of 5mA/MHz and maximum access time of 100ns/120ns/150ns. When CE2 is a logical low or CEl is a logical high, the device is placed in low power standby mode in which standby current is 2uA typically. The TC5565APL/AFL has three control inputs. Two chip enable (CE1, CE2) allow for device selection and data retention control, and an output enable input (OE) provides fast memory access. Thus the TC5565APL/AFL is suitable for use in various microprocessor application systems where high speed, low power, and battery back up are required.

The TC5565APL also features pin compatibility with the 64K bit EPROM (TMM2764D).



FEATURES

·  Low Power Dissipation

   27.5mW/MHz(Max.) operating

·  Standby Current: 100uA(Max.) Ta=70°C

·  Access Time

   TC5565APL/AFL-10 : 100ns(Max.)

   TC5565APL/AFL-12 : 120ns(Max.)

   TC5565APL/AFL-15 : 150ns(Max.)

·  5V Single Power Supply  -

·  Power Down Features: CE2, CE1

·  Fully Static Operation

Data Retention Supply Voltage: 2.0-5.5V




Similar Part No. - TC5565APL

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC5561J TOSHIBA-TC5561J Datasheet
616Kb / 6P
65,536 WORD X 1 BIT CMOS STATIC RAM
TC5561J-45 TOSHIBA-TC5561J-45 Datasheet
616Kb / 6P
65,536 WORD X 1 BIT CMOS STATIC RAM
TC5561J-55 TOSHIBA-TC5561J-55 Datasheet
616Kb / 6P
65,536 WORD X 1 BIT CMOS STATIC RAM
TC5561J-70 TOSHIBA-TC5561J-70 Datasheet
616Kb / 6P
65,536 WORD X 1 BIT CMOS STATIC RAM
TC5561P TOSHIBA-TC5561P Datasheet
616Kb / 6P
65,536 WORD X 1 BIT CMOS STATIC RAM
More results


Similar Description - TC5565APL

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM60L256A-C MOTOROLA-MCM60L256A-C Datasheet
348Kb / 8P
32K x 8 Bit CMOS Static Random Access Memory
logo
LG Semicon Co.,Ltd.
GM76C88AL LG-GM76C88AL Datasheet
560Kb / 11P
65,536 Bit static random access memory organized as 8,192 words by 8 bits using CMOS
logo
Toshiba Semiconductor
TMM2018AP TOSHIBA-TMM2018AP Datasheet
338Kb / 6P
16,384 bits high speed and low power static random access memory organized as 2,048 words by 8 bits and operates from a single 5V supply
logo
fujitsu semiconductor
MB8464A FUJITSU-MB8464A Datasheet
263Kb / 11P
CMOS 65,536 Static Random Access Memory with Data Retention Mode
logo
List of Unclassifed Man...
HM6708SH ETC1-HM6708SH Datasheet
453Kb / 11P
65536-WORDS X 4 BITS HIGH SPEED STATIC RANDOM ACCESS MEMORY
logo
ACCUTEK MICROCIRCUIT CO...
AK62464Z ACCUTEK-AK62464Z Datasheet
177Kb / 2P
65,536 x 24 Bit CMOS/BiCMOS Static Random Access Memory
AK63264W ACCUTEK-AK63264W Datasheet
243Kb / 2P
65,536 x 32 Bit CMOS/BiCMOS Static Random Access Memory
AK68512D1C ACCUTEK-AK68512D1C Datasheet
128Kb / 2P
524,288 x 8 Bit CMOS Static Random Access Memory
AK63264AW ACCUTEK-AK63264AW Datasheet
86Kb / 2P
65,536 x 32 Bit CMOS/BiCMOS Static Random Access Memory
AK63264BZ ACCUTEK-AK63264BZ Datasheet
91Kb / 2P
65,536 x 32 Bit CMOS/BiCMOS Static Random Access Memory
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com