Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APX9270 Datasheet (PDF) - Anpec Electronics Coropration

APX9270 Datasheet PDF - Anpec Electronics Coropration
Part # APX9270
Download  APX9270 Download
File Size   352.94 Kbytes
Page   17 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description Direct PWM Variable Speed Fan Motor Driver

APX9270 Datasheet (PDF)

Go To PDF Page Download Datasheet
APX9270 Datasheet PDF - Anpec Electronics Coropration

Part # APX9270
Download  APX9270 Click to download

File Size   352.94 Kbytes
Page   17 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description Direct PWM Variable Speed Fan Motor Driver

APX9270 Datasheet (HTML) - Anpec Electronics Coropration


APX9270 Product details

General Description

The APX9270 is a single phase, DC brushless motor driver with PWM variable speed control and current limit features suitable for the fan of personal computer’s power supply and CPU cooler. The PWM control system includes thermistor input signal and direct PWM input signal, enabling highly silent and low vibration speed control. The device is equipped with a built-in lock protection, which protects the fan when it is locked. It also has rotation speed detection output and thermal protection function.



Features

· Single Phase Full Wave Fan Driver

· Low Quiescent Current (6mA Typical)

· Built-in Variable Speed Function

· Current Limit Circuit (includes both internal and external Current Limit)

· Built-in Lock Protection and Auto Restart Function

· FG (rotation speed detection) Output

· Soft Switching Circuit (before phase change, enabling low-consumption, low loss and low noise drive.)

· Over Voltage Protection (16.5V Typical)

· Built-in Kickback Absorption Circuit

· Built-in Thermal Protection Circuit

· Lead Free and Green Devices Available (RoHS Compliant)



Applications

· CPU Coolers

· Variable Speed Control Fans



 




Similar Part No. - APX9270

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APX9275 ANPEC-APX9275 Datasheet
245Kb / 16P
Single-Phase Full-Wave Motor Driver for Silent Fan Motor
APX9275A ANPEC-APX9275A Datasheet
245Kb / 16P
Single-Phase Full-Wave Motor Driver for Silent Fan Motor
APX9275AXI-TRG ANPEC-APX9275AXI-TRG Datasheet
245Kb / 16P
Single-Phase Full-Wave Motor Driver for Silent Fan Motor
APX9275KI-TRG ANPEC-APX9275KI-TRG Datasheet
245Kb / 16P
Single-Phase Full-Wave Motor Driver for Silent Fan Motor
APX9275XI-TRG ANPEC-APX9275XI-TRG Datasheet
245Kb / 16P
Single-Phase Full-Wave Motor Driver for Silent Fan Motor
More results


Similar Description - APX9270

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1860 SANYO-LB1860 Datasheet
79Kb / 6P
Variable Speed Fan Motor Driver
LB1965M SANYO-LB1965M Datasheet
61Kb / 6P
Two-Phase Unipolar Driver for Variable-Speed Fan Motor
logo
Eutech Microelectronics...
EUM6189A EUTECH-EUM6189A Datasheet
65Kb / 1P
700mA PWM Fan Motor Driver
EUM6861 EUTECH-EUM6861 Datasheet
103Kb / 1P
18V PWM Fan Motor Driver
EUM6861 EUTECH-EUM6861_12 Datasheet
182Kb / 2P
18V PWM Fan Motor Driver
EUM6862 EUTECH-EUM6862 Datasheet
273Kb / 2P
24V PWM Fan Motor Driver
logo
ON Semiconductor
LB1860 ONSEMI-LB1860 Datasheet
138Kb / 8P
Two-Phase Half-Wave Variable Speed Fan Motor Driver
August 2014 - Rev. 0
logo
Anpec Electronics Corop...
APX6861 ANPEC-APX6861 Datasheet
156Kb / 14P
Direct PWM Variable Speed Fan Motor Driver
APX9262P ANPEC-APX9262P Datasheet
194Kb / 15P
Direct PWM Variable Speed Fan Motor Driver
APX9291 ANPEC-APX9291 Datasheet
209Kb / 14P
Direct PWM Variable Speed Fan Motor Driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com