Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFC042 Datasheet (PDF) - RFHIC

RFC042 Datasheet PDF - RFHIC
Part # RFC042
Download  RFC042 Download
File Size   383.96 Kbytes
Page   5 Pages
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC
Description Mobile Radio Mini Amplifier

RFC042 Datasheet (PDF)

Go To PDF Page Download Datasheet
RFC042 Datasheet PDF - RFHIC

Part # RFC042
Download  RFC042 Click to download

File Size   383.96 Kbytes
Page   5 Pages
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC
Description Mobile Radio Mini Amplifier

RFC042 Datasheet (HTML) - RFHIC


RFC042 Product details

Description
The RFC042 is specifically designed for up to 800MHz in frequency as amplifiers in BTS.
This hybrid dynamic range amplifier module operates with a single voltage supply of 24V(DC).
The RFC042 is equipped with over-voltage suppressor.

Product Features
• GaAs MMIC
• Very Low Distortion
• Guaranteed Broadband Power Gain
• Heat Sink 99.9% Copper, Ag or Gold Plate
• Excellent Thermal Conductivity
• Single Supply Voltage @ 24V
• Low DC Power Consuption
• No External Circuit needed

Applications
• Drive Amplifier




Similar Part No. - RFC042

ManufacturerPart #DatasheetDescription
logo
RFHIC
RFC042 RFHIC-RFC042_14 Datasheet
358Kb / 6P
Mobile Radio Mini Amplifier
RFC042 RFHIC-RFC042_17 Datasheet
1Mb / 6P
Mobile Radio Mini Amplifier
More results


Similar Description - RFC042

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1007 MAXIM-MAX1007 Datasheet
110Kb / 12P
Mobile-Radio Analog Controller
19-1180; Rev 0; 6/98
logo
National Semiconductor ...
SC11372 NSC-SC11372 Datasheet
1Mb / 28P
MOBILE RADIO ANALOG PROCESSOR
logo
ITT Industries
LPCMID ITT-LPCMID Datasheet
64Kb / 1P
Mobile Mobile Phones PDA Portable Radio Portable Satellite
LPCSP1 ITT-LPCSP1 Datasheet
61Kb / 1P
Mobile Mobile Phones Portable Radio Portable Satellite PDA
LPCTP-1 ITT-LPCTP-1 Datasheet
68Kb / 1P
Mobile Mobile Phones Portable Radio Portable Satellite PDA
logo
Advanced Crystal Techno...
ACTF446B ACT-ACTF446B Datasheet
132Kb / 3P
Mobile Radio Applications
SEPT 04
ACTF446A ACT-ACTF446A Datasheet
94Kb / 3P
FRS & PMR mobile radio applications
SEPT 04
ACTF410A ACT-ACTF410A Datasheet
96Kb / 3P
Mobile Radio - FRS & PMR
SEPT 04
logo
RFHIC
RFC042 RFHIC-RFC042_14 Datasheet
358Kb / 6P
Mobile Radio Mini Amplifier
RFC042 RFHIC-RFC042_17 Datasheet
1Mb / 6P
Mobile Radio Mini Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com