Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC74HC05AP Datasheet (PDF) - Toshiba Semiconductor

TC74HC05AP Datasheet PDF - Toshiba Semiconductor
Part # TC74HC05AP
Download  TC74HC05AP Download
File Size   218.45 Kbytes
Page   5 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description HEX INVERTER (OPEN DRAIN)

TC74HC05AP Datasheet (PDF)

Go To PDF Page Download Datasheet
TC74HC05AP Datasheet PDF - Toshiba Semiconductor

Part # TC74HC05AP
Download  TC74HC05AP Click to download

File Size   218.45 Kbytes
Page   5 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description HEX INVERTER (OPEN DRAIN)

TC74HC05AP Datasheet (HTML) - Toshiba Semiconductor


TC74HC05AP Product details

The TC74HC05A is a high speed CMOS INVERTER fabricated with silicon gate C2MOS technology. It achieves the high speed operation similar to equivalent LSTTL while maintaining the CMOS low power dissipation. Pin configuration and function are the same as the TC74HC04A, but the TC74HC05A has high performance MOS

N-channel transistor (open-drain) outputs. This device can, therefore, with a suitable pull-up resistors, be used in wired-AND, LED drive and other applications. All inputs are equipped with protection circuits against static

discharge or transient excess voltage.



Features

• High speed: tpz = 8 ns (typ.) at VCC = 5 V

• Low power dissipation: ICC = 1 μA (max) at Ta = 25°C

• High noise immunity: VNIH = VNIL = 28% VCC (min)

• Output drive capability: 10 LSTTL loads

• Wide operating voltage range: VCC (opr) = 2~6 V

• Open drain structure.

• Pin and function compatible with 74LS05




Similar Part No. - TC74HC05AP

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74HC05AP TOSHIBA-TC74HC05AP Datasheet
225Kb / 7P
CMOS Digital Integrated Circuit Silicon Monolithic Hex Inverter (open drain)
TC74HC05AP TOSHIBA-TC74HC05AP_07 Datasheet
225Kb / 7P
CMOS Digital Integrated Circuit Silicon Monolithic Hex Inverter (open drain)
More results


Similar Description - TC74HC05AP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74VHC05 STMICROELECTRONICS-74VHC05 Datasheet
53Kb / 7P
HEX INVERTER OPEN DRAIN
Jun-1999
74VHCT05A STMICROELECTRONICS-74VHCT05A Datasheet
148Kb / 8P
HEX INVERTER (OPEN DRAIN)
Jun-2001
M54HC05 STMICROELECTRONICS-M54HC05 Datasheet
227Kb / 9P
HEX INVERTER OPEN DRAIN
Feb-1993
logo
Toshiba Semiconductor
TC74VHC05F TOSHIBA-TC74VHC05F Datasheet
209Kb / 5P
HEX INVERTER (OPEN DRAIN)
logo
Fairchild Semiconductor
MM74HCT05 FAIRCHILD-MM74HCT05_05 Datasheet
84Kb / 7P
Hex Inverter (Open Drain)
logo
Toshiba Semiconductor
TC74VHC05F TOSHIBA-TC74VHC05F_07 Datasheet
256Kb / 9P
Hex Inverter (open drain)
logo
STMicroelectronics
74VHC05 STMICROELECTRONICS-74VHC05_04 Datasheet
224Kb / 11P
HEX INVERTER (OPEN DRAIN)
12-Nov-2004
74VHCT05A STMICROELECTRONICS-74VHCT05A_04 Datasheet
215Kb / 11P
HEX INVERTER (OPEN DRAIN)
16-Dec-2004
logo
Toshiba Semiconductor
TC74AC05F TOSHIBA-TC74AC05F_12 Datasheet
245Kb / 7P
Hex Inverter (open drain)
logo
ON Semiconductor
MM74HCT05 ONSEMI-MM74HCT05 Datasheet
334Kb / 9P
Hex Inverter (Open Drain)
March 2008 Rev. 1.5.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com