Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC74HC4075AF Datasheet (PDF) - Toshiba Semiconductor

TC74HC4075AF Datasheet PDF - Toshiba Semiconductor
Part # TC74HC4075AF
Download  TC74HC4075AF Download
File Size   176.03 Kbytes
Page   4 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TRIPLE 3-INPUT OR GATE

TC74HC4075AF Datasheet (PDF)

Go To PDF Page Download Datasheet
TC74HC4075AF Datasheet PDF - Toshiba Semiconductor

Part # TC74HC4075AF
Download  TC74HC4075AF Click to download

File Size   176.03 Kbytes
Page   4 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TRIPLE 3-INPUT OR GATE

TC74HC4075AF Datasheet (HTML) - Toshiba Semiconductor


TC74HC4075AF Product details

Triple 3-Input OR Gate

The TC74HC4075A is a high speed CMOS 3-INPUT OR GATE fabricated with silicon gate C2MOS technology.
It achieves the high speed operation similar to equivalent LSTTL while maintaining the CMOS low power dissipation.
The internal circuit is composed of 4 stages including a buffered outputs, which provide high noise immunity and stable output.
All inputs are equipped with protection circuits against static discharge or transient excess voltage.

Features
• High speed: tpd = 8 ns (typ.) at VCC = 5 V
• Low power dissipation: ICC = 2 μA (max) at Ta = 25°C
• High noise immunity: VNIH = VNIL = 28% VCC (min)
• Output drive capability: 10 LSTTL loads
• Symmetrical output impedance: |IOH| = IOL = 4 mA (min)
• Balanced propagation delays: tpLH ∼ − tpHL
• Wide operating voltage range: VCC (opr) = 2 to 6 V
• Pin and function compatible with 4075B




Similar Part No. - TC74HC4075AF

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74HC4075AF TOSHIBA-TC74HC4075AF Datasheet
221Kb / 7P
CMOS Digital Integrated Circuit Silicon Monolithic Triple 3-Input OR Gate
More results


Similar Description - TC74HC4075AF

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC4075 PHILIPS-74HC4075 Datasheet
32Kb / 5P
Triple 3-input OR gate
December 1990
HEF4075B PHILIPS-HEF4075B Datasheet
25Kb / 3P
Triple 3-input OR gate
January 1995
logo
STMicroelectronics
M54HC4075 STMICROELECTRONICS-M54HC4075 Datasheet
232Kb / 9P
TRIPLE 3 INPUT OR GATE
Oct-1992
logo
Hitachi Semiconductor
HD14075B HITACHI-HD14075B Datasheet
51Kb / 4P
Triple 3-input OR Gate
logo
STMicroelectronics
HCF4075B STMICROELECTRONICS-HCF4075B Datasheet
139Kb / 7P
TRIPLE 3 INPUT OR GATE
2001-Sep
M74HC4075 STMICROELECTRONICS-M74HC4075 Datasheet
190Kb / 8P
TRIPLE 3-INPUT OR GATE
Aug-2001
logo
National Semiconductor ...
MM54HC4075 NSC-MM54HC4075 Datasheet
113Kb / 4P
Triple 3-Input OR Gate
logo
Nexperia B.V. All right...
74HC4075-Q100 NEXPERIA-74HC4075-Q100 Datasheet
219Kb / 12P
Triple 3-input OR gate
74HCT4075-Q100 NEXPERIA-74HCT4075-Q100 Datasheet
218Kb / 12P
Triple 3-input OR gate
Rev. 2 - 4 February 2019
74HCT4075 NEXPERIA-74HCT4075 Datasheet
200Kb / 11P
Triple 3-input OR gate
Rev. 4 - 4 February 2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com