Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC74HC4520AP Datasheet (PDF) - Toshiba Semiconductor

TC74HC4520AP Datasheet PDF - Toshiba Semiconductor
Part # TC74HC4520AP
Download  TC74HC4520AP Download
File Size   237.73 Kbytes
Page   5 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description DUAL 4-BIT BINALY COUNTER

TC74HC4520AP Datasheet (PDF)

Go To PDF Page Download Datasheet
TC74HC4520AP Datasheet PDF - Toshiba Semiconductor

Part # TC74HC4520AP
Download  TC74HC4520AP Click to download

File Size   237.73 Kbytes
Page   5 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description DUAL 4-BIT BINALY COUNTER

TC74HC4520AP Datasheet (HTML) - Toshiba Semiconductor


TC74HC4520AP Product details

The TC74HC4520A is high speed CMOS DUAL BCD/4-BIT BINARY COUNTER fabricated with silicon gate C2MOS technology.

It achieves the high speed operation similar to equivalent LSTTL while maintaining the CMOS low power dissipation. Since it contains two independent counter circuits in one package, counting or frequency division of eight binary bits can be achieved with one device. The counter is reset to “O” (Q0 to Q3 low) by setting the CLR input high regardless of the other inputs. Counting occurs on the positive going (rising edge) transition of CK if CE is high or the negative going (falling edge) transition of CK if CE is low.

All inputs are equipped with protection circuits against static discharge or transient excess voltage.



Features

•  High speed: fmax =55 MHz (typ.) at VCC =5 V

•  Low power dissipation: ICC =4 μA (max) at Ta =25°C

•  High noise immunity: VNIH =VNIL =28% VCC(min)

•  Outputs drive capability: 10 LSTTL loads

•  Symmetrical output impedance: |IOH| =IOL =4 mA (min)

•  Balanced propagation delays: tpLH∼  − tpHL

•  Wide operating voltage range: VCC (opr) =2 to 6 V

•  Pin and function compatible with TC4520B




Similar Part No. - TC74HC4520AP

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74HC4520AP TOSHIBA-TC74HC4520AP Datasheet
337Kb / 9P
Dual 4-Bit Binary Counter
TC74HC4520AP TOSHIBA-TC74HC4520AP_07 Datasheet
337Kb / 9P
Dual 4-Bit Binary Counter
More results


Similar Description - TC74HC4520AP

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VHC393 FAIRCHILD-74VHC393 Datasheet
109Kb / 8P
Dual 4-Bit Binary Counter
DM74LS390 FAIRCHILD-DM74LS390 Datasheet
58Kb / 6P
Dual 4-Bit Decade Counter
DM74LS393 FAIRCHILD-DM74LS393 Datasheet
56Kb / 6P
Dual 4-Bit Binary Counter
MM74HC393 FAIRCHILD-MM74HC393 Datasheet
84Kb / 7P
Dual 4-Bit Binary Counter
logo
Intel Corporation
4520B INTEL-4520B Datasheet
165Kb / 3P
DUAL 4-BIT BINARY COUNTER
logo
Fairchild Semiconductor
MM74HC393 FAIRCHILD-MM74HC393_05 Datasheet
89Kb / 8P
Dual 4-Bit Binary Counter
74VHC393 FAIRCHILD-74VHC393_07 Datasheet
297Kb / 10P
Dual 4-Bit Binary Counter
logo
STMicroelectronics
M74HC4520 STMICROELECTRONICS-M74HC4520 Datasheet
361Kb / 12P
DUAL 4 BIT BINARY COUNTER
Jul-2001
logo
Texas Instruments
SN74LV393A-EP TI1-SN74LV393A-EP Datasheet
536Kb / 13P
DUAL 4-BIT BINARY COUNTER
SN74LV393A-Q1 TI1-SN74LV393A-Q1 Datasheet
254Kb / 12P
DUAL 4-BIT BINARY COUNTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com