Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2111 Datasheet (PDF) - Diodes Incorporated

AP2111 Datasheet PDF - Diodes Incorporated
Part # AP2111
Download  AP2111 Download
File Size   365.23 Kbytes
Page   14 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 2A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH

AP2111 Datasheet (PDF)

Go To PDF Page Download Datasheet
AP2111 Datasheet PDF - Diodes Incorporated

Part # AP2111
Download  AP2111 Click to download

File Size   365.23 Kbytes
Page   14 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 2A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH

AP2111 Datasheet (HTML) - Diodes Incorporated


AP2111 Product details

Description
The AP2101 and AP2111 are integrated high-side power switches optimized for Universal Serial Bus (USB) and other hot-swap applications. The family of devices complies with USB 2.0 and available with both polarities of Enable input. They offer current and thermal limiting and short circuit protection as well as controlled rise time, under-voltage lockout and auto-discharge functionalities. A 7ms deglitch capability on the open-drain Flag output prevents false over-current reporting and does not require any external components.
All devices are available in SOP-8L and MSOP-8L-EP packages.

Features
• Single USB port power switches with auto-discharge
• Short-circuit current and thermal protection
• 2.45A accurate current limiting
• Fast transient response time: 5μs
• 90mΩ on-resistance
• Reverse Current Blocking
• Input voltage range: 2.7V – 5.5V
• 0.6ms typical rise time
• Very low shutdown current: 1μA (max)
• Fault report (FLG) with blanking time (7ms typ)
• ESD protection: 4KV HBM, 300V MM
• Active low (AP2101) or active high (AP2111) enable
• Ambient temperature range: -35°C to 85°C
• SOP-8L and MSOP-8L-EP (Exposed Pad): Available in
   “Green” Molding Compound (No Br, Sb)
• Lead Free Finish / RoHS Compliant (Note 1)
• UL Recognized, File Number E322375
• IEC60950-1 CB Scheme Certified

Applications
• Consumer electronics – LCD TV & Monitor, Game Machines
• Communications – Set-Top-Box, GPS, Smartphone
• Computing – Laptop, Desktop, Servers, Printers, Docking Station, HUB




Similar Part No. - AP2111

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2111 BCDSEMI-AP2111 Datasheet
62Kb / 2P
600mA CMOS LDO REGULATOR WITH ENABLE
logo
Diodes Incorporated
AP2111 DIODES-AP2111 Datasheet
370Kb / 14P
2A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
AP2111 Rev. 2
logo
BCD Semiconductor Manuf...
AP2111 BCDSEMI-AP2111 Datasheet
688Kb / 20P
600mA CMOS LDO REGULATOR WITH ENABLE
AP2111H-1.2TRG1 BCDSEMI-AP2111H-1.2TRG1 Datasheet
688Kb / 20P
600mA CMOS LDO REGULATOR WITH ENABLE
AP2111H-1.2TRG1 BCDSEMI-AP2111H-1.2TRG1 Datasheet
820Kb / 22P
600mA CMOS LDO REGULATOR WITH ENABLE
More results


Similar Description - AP2111

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP2101 DIODES-AP2101_10 Datasheet
370Kb / 14P
2A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
AP2111 Rev. 2
AP2501 DIODES-AP2501_13 Datasheet
509Kb / 18P
2.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
Rev erse
AP2171WG-7 DIODES-AP2171WG-7 Datasheet
457Kb / 18P
1A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
Rev erse
AP2141 DIODES-AP2141_13 Datasheet
481Kb / 17P
0.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
Rev erse
AP2141WG-7 DIODES-AP2141WG-7 Datasheet
481Kb / 17P
0.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
Rev erse
logo
Monolithic Power System...
MP62040 MPS-MP62040 Datasheet
339Kb / 8P
1.7V ??5.5V, Ultra-Small, Single-Channel 2A Current-Limited Power Distribution Switch
MP62180 MPS-MP62180 Datasheet
353Kb / 12P
3.3V/5V, Single-Channel 2A Current-Limited Power Distribution Switch
MP62260 MPS-MP62260 Datasheet
417Kb / 11P
3.3V/5V, Single-Channel 2A Current-Limited Power Distribution Switch
logo
Diodes Incorporated
AP2141A DIODES-AP2141A Datasheet
1Mb / 17P
0.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
April 2018
AP2151A DIODES-AP2151A Datasheet
893Kb / 18P
0.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
January 2018
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com