Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SBR0240LP Datasheet (PDF) - Diodes Incorporated

SBR0240LP Datasheet PDF - Diodes Incorporated
Part # SBR0240LP
Download  SBR0240LP Download
File Size   101.9 Kbytes
Page   4 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 0.2A SBR SURFACE MOUNT SUPER BARRIER RECTIFIER

SBR0240LP Datasheet (PDF)

Go To PDF Page Download Datasheet
SBR0240LP Datasheet PDF - Diodes Incorporated

Part # SBR0240LP
Download  SBR0240LP Click to download

File Size   101.9 Kbytes
Page   4 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 0.2A SBR SURFACE MOUNT SUPER BARRIER RECTIFIER

SBR0240LP Datasheet (HTML) - Diodes Incorporated


SBR0240LP Product details

Features
 • Ultra Low Forward Voltage Drop
 • Superior Reverse Avalanche Capability
 • Patented Super Barrier Rectifier Technology
 • Soft, Fast Switching Capability
 • +150°C Operating Junction Temperature
 • Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
 • Halogen and Antimony Free. “Green” Device (Note 3)
 • Qualified to AEC-Q101 Standards for High Reliability




Similar Part No. - SBR0240LP

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBR0240LP DIODES-SBR0240LP Datasheet
349Kb / 5P
0.2A SBR SURFACE MOUNT SUPER BARRIER RECTIFIER
Rev erse
SBR0240LP-7 DIODES-SBR0240LP-7 Datasheet
349Kb / 5P
0.2A SBR SURFACE MOUNT SUPER BARRIER RECTIFIER
Rev erse
SBR0240LPW DIODES-SBR0240LPW Datasheet
450Kb / 5P
0.2A SBR SURFACE MOUNT SUPER BARRIER RECTIFIER
Rev erse
SBR0240LPW-7B DIODES-SBR0240LPW-7B Datasheet
450Kb / 5P
0.2A SBR SURFACE MOUNT SUPER BARRIER RECTIFIER
Rev erse
SBR0240LP DIODES-SBR0240LP_15 Datasheet
101Kb / 4P
SURFACE MOUNT SUPER BARRIER RECTIFIER 0.2A SBR짰
Rev erse
More results


Similar Description - SBR0240LP

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBR2A30P1 DIODES-SBR2A30P1 Datasheet
306Kb / 4P
2.0A SBR Surface Mount Super Barrier Rectifier
SBR2A30P1 Rev. 8 - 2
SBR02U100LP DIODES-SBR02U100LP Datasheet
208Kb / 4P
0.2A SBR짰 Surface Mount Super Barrier Rectifier
SBR02U100LP Rev. 4 ??2
SBR02U30LP DIODES-SBR02U30LP Datasheet
102Kb / 4P
0.2A SBR SUPER BARRIER RECTIFIER
DS31715 Rev. 2 - 2
SBR0240LP DIODES-SBR0240LP_15 Datasheet
101Kb / 4P
SURFACE MOUNT SUPER BARRIER RECTIFIER 0.2A SBR짰
Rev erse
SBR02U100LPQ DIODES-SBR02U100LPQ Datasheet
391Kb / 5P
0.2A SBR SURFACE MOUNT SUPER BARRIER RECTIFIER
Rev erse
SBR0240LPW DIODES-SBR0240LPW Datasheet
450Kb / 5P
0.2A SBR SURFACE MOUNT SUPER BARRIER RECTIFIER
Rev erse
SBR02M30LP DIODES-SBR02M30LP_16 Datasheet
436Kb / 5P
0.2A SBR SUPER BARRIER RECTIFIER
Rev 8
SBR02U30LP DIODES-SBR02U30LP_16 Datasheet
337Kb / 5P
0.2A SBR SUPER BARRIER RECTIFIER
Rev 4
SBR0220LP DIODES-SBR0220LP_16 Datasheet
367Kb / 5P
0.2A SBR SUPER BARRIER RECTIFIER
Rev 7
SBR0240LP DIODES-SBR0240LP_16 Datasheet
349Kb / 5P
0.2A SBR SURFACE MOUNT SUPER BARRIER RECTIFIER
Rev erse
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com