Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC74HC670AP Datasheet (PDF) - Toshiba Semiconductor

TC74HC670AP Datasheet PDF - Toshiba Semiconductor
Part # TC74HC670AP
Download  TC74HC670AP Download
File Size   289.28 Kbytes
Page   7 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 4 WORDx4 BIT REGISTER FILE(3-STATE)

TC74HC670AP Datasheet (PDF)

Go To PDF Page Download Datasheet
TC74HC670AP Datasheet PDF - Toshiba Semiconductor

Part # TC74HC670AP
Download  TC74HC670AP Click to download

File Size   289.28 Kbytes
Page   7 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 4 WORDx4 BIT REGISTER FILE(3-STATE)

TC74HC670AP Datasheet (HTML) - Toshiba Semiconductor


TC74HC670AP Product details

The TC74HC670A is a high speed 4-WORDS× 4-BITS REGISTER FILE fabricatedwith silicon gate C2

MOS technology. It achieves the high speed operation similar to equivalent LSTTL while maintaining the CMOS low power dissipation.



Features

•  High speed: tpd =23 ns (typ.) at VCC =5 V

•  Low power dissipation: ICC =4 μA (max) at Ta =25°C

•  High noise immunity: VNIH =VNIL =28% VCC(min)

•  Output drive capability: 10 LSTTL loads

•  Symmetrical output impedance: |IOH| =IOL =4 mA (min)

•  Balanced propagation delays: tpLH∼  − tpHL

•  Wide operating voltage range: VCC(opr) =2 to 6 V

•  Pin and function compatible with 74LS670




Similar Part No. - TC74HC670AP

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74HC670AP TOSHIBA-TC74HC670AP Datasheet
380Kb / 10P
CMOS Digital Integrated Circuit Silicon Monolithic 4 Word 횞 4 Bit Register File (3-state)
TC74HC670AP TOSHIBA-TC74HC670AP_07 Datasheet
380Kb / 10P
CMOS Digital Integrated Circuit Silicon Monolithic 4 Word 횞 4 Bit Register File (3-state)
More results


Similar Description - TC74HC670AP

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS670 MOTOROLA-SN54LS670 Datasheet
202Kb / 6P
4 x 4 REGISTER FILE WITH 3-STATE OUTPUTS
logo
NXP Semiconductors
74F670 PHILIPS-74F670 Datasheet
97Kb / 12P
4 x 4 register file 3-State
1990 Jul 12
74HC670 PHILIPS-74HC670 Datasheet
80Kb / 9P
4 x 4 register file; 3-state
December 1990
logo
STMicroelectronics
M54HC670 STMICROELECTRONICS-M54HC670 Datasheet
264Kb / 12P
4 WORD X 4 BIT REGISTER FILE 3 STATE
Oct-1992
logo
Fairchild Semiconductor
DM74LS670 FAIRCHILD-DM74LS670 Datasheet
65Kb / 6P
3-STATE 4-by-4 Register File
logo
Hitachi Semiconductor
HD74AC670 HITACHI-HD74AC670 Datasheet
62Kb / 10P
4 x 4 Register File with 3-State Output
HD74HC670 HITACHI-HD74HC670 Datasheet
56Kb / 10P
4-by-4 Register File (with 3-state outputs)
logo
Texas Instruments
SN74172 TI-SN74172 Datasheet
240Kb / 7P
16-BIT MULTIPLE-PORT REGISTER FILE WITH 3-STATE OUTPUTS
logo
STMicroelectronics
M74HC670 STMICROELECTRONICS-M74HC670 Datasheet
482Kb / 11P
4 WORD x 4 BIT REGISTER FILE (3 STATE)
Aug-2001
logo
NXP Semiconductors
74HC670DB PHILIPS-74HC670DB Datasheet
83Kb / 9P
4 x 4 register file 3-state
December 1990
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com