Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5512A Datasheet (PDF) - Analog Devices

AD5512A Datasheet PDF - Analog Devices
Part # AD5512A
Download  AD5512A Download
File Size   1972.17 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 2.7 V to 5.5 V, Serial-Input, Voltage-Output, 16-/12-Bit nanoDACs in LFCSP

AD5512A Datasheet (PDF)

Go To PDF Page Download Datasheet
AD5512A Datasheet PDF - Analog Devices

Part # AD5512A
Download  AD5512A Click to download

File Size   1972.17 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 2.7 V to 5.5 V, Serial-Input, Voltage-Output, 16-/12-Bit nanoDACs in LFCSP

AD5512A Datasheet (HTML) - Analog Devices


AD5512A Product details

GENERAL DESCRIPTION
The AD5541A/AD5542A/AD5512A1 are single, 16-/16-/12-bit, serial input, unbuffered voltage output digital-to-analog converters (DACs) that operate from a single 2.7 V to 5.5 V supply.
The AD5541A/AD5542A/AD5512A utilize a versatile 3-wire interface that is compatible with a 50 MHz SPI, QSPI™, MICROWIRE™, and DSP interface standards.
These DACs provide 16-/12-bit performance without any adjust ments. The DAC output is unbuffered, which reduces power consumption and offset errors contributed to by an output buffer.
The AD5542A/AD5512A can be operated in bipolar mode, which generates a ±VREF output swing. The AD5542A/AD5512A also includes Kelvin sense connections for the reference and analog ground pins to reduce layout sensitivity.

FEATURES
   Low power, 1 LSB INL nanoDACs
      AD5541A: 16 bits
      AD5542A: 16 bits
      AD5512A: 12 bits
   2.7 V to 5.5 V single-supply operation
   Low glitch: 0.5 nV-s
   Unbuffered voltage output capable of driving 60 kΩ loads
      directly
   VLOGIC pin provides 1.8 V digital interface capability
   Hardware CLR and LDAC functions
   50 MHz SPI-/QSPI-/MICROWIRE-/DSP-compatible interface
      standards
   Power-on reset clears DAC output to zeroscale and midscale
   Schmitt trigger inputs
   Available in 3 mm × 3 mm 16-LFCSP, 10-LFCSP, and 8-LFCSP
   Also available in10-MSOP and 16-TSSOP

APPLICATIONS
   Automatic test equipment
   Precision Source-measure Instruments
   Data Acquisition Systems
   Medical Instrumentation
   Aerospace Instrumentation
   Communications Infrastructure equipment
   Industrial Control




Similar Part No. - AD5512A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5512A AD-AD5512A Datasheet
436Kb / 24P
2.7 V to 5.5 V, Serial-Input, Voltage-Output, 12-/16-Bit DAC
REV. A
AD5512A AD-AD5512A Datasheet
503Kb / 21P
Serial-Input Voltage-Output, 12-/16-Bit DAC
2/2017-Rev. B to Rev. C
AD5512AACPZ-500RL7 AD-AD5512AACPZ-500RL7 Datasheet
503Kb / 21P
Serial-Input Voltage-Output, 12-/16-Bit DAC
2/2017-Rev. B to Rev. C
AD5512AACPZ-REEL7 AD-AD5512AACPZ-REEL7 Datasheet
503Kb / 21P
Serial-Input Voltage-Output, 12-/16-Bit DAC
2/2017-Rev. B to Rev. C
More results


Similar Description - AD5512A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5624 AD-AD5624 Datasheet
639Kb / 24P
2.7 V to 5.5 V, 450 關A, Rail-to-Rail Output, Quad, 12-/16-Bit nanoDACs
6/06-Revision 0
AD5551 AD-AD5551_10 Datasheet
460Kb / 16P
2.7 V to 5.5 V, Serial-Input, Voltage-Output, 14-Bit DACs
REV. A
AD5542LRZ AD-AD5542LRZ Datasheet
382Kb / 20P
2.7 V to 5.5 V, Serial-Input, Voltage-Output, 16-Bit DACs
Rev. F
AD5542ARZ AD-AD5542ARZ Datasheet
382Kb / 20P
2.7 V to 5.5 V, Serial-Input, Voltage-Output, 16-Bit DACs
Rev. F
AD5541 AD-AD5541_12 Datasheet
382Kb / 20P
2.7 V to 5.5 V, Serial-Input, Voltage-Output, 16-Bit DACs
Rev. F
AD5542ABCPZ-REEL7 AD-AD5542ABCPZ-REEL7 Datasheet
436Kb / 24P
2.7 V to 5.5 V, Serial-Input, Voltage-Output, 12-/16-Bit DAC
REV. A
AD5541 AD-AD5541_15 Datasheet
382Kb / 20P
2.7 V to 5.5 V, Serial-Input, Voltage-Output, 16-Bit DACs
Rev. F
AD5542 AD-AD5542_15 Datasheet
382Kb / 20P
2.7 V to 5.5 V, Serial-Input, Voltage-Output, 16-Bit DACs
Rev. F
AD5624 AD-AD5624_15 Datasheet
635Kb / 24P
2.7 V to 5.5 V, 450 A, Rail-to-Rail Output, Quad, 12-/16-Bit nanoDACs
Rev. 0
AD5664 AD-AD5664_15 Datasheet
635Kb / 24P
2.7 V to 5.5 V, 450 A, Rail-to-Rail Output, Quad, 12-/16-Bit nanoDACs
REV. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com