Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7170 Datasheet (PDF) - Analog Devices

AD7170 Datasheet PDF - Analog Devices
Part # AD7170
Download  AD7170 Download
File Size   271.14 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 12-Bit Low Power Sigma-Delta ADC

AD7170 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD7170 Datasheet PDF - Analog Devices

Part # AD7170
Download  AD7170 Click to download

File Size   271.14 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 12-Bit Low Power Sigma-Delta ADC

AD7170 Datasheet (HTML) - Analog Devices


AD7170 Product details

GENERAL DESCRIPTION
The AD7170 is a very low power 12-bit analog-to-digital converter (ADC). It contains a precision 12-bit sigma-delta (Σ-Δ) ADC and an on-chip oscillator. Consuming only 135 μA, the AD7170 is particularly suitable for portable or battery operated products where very low power is a requirement. The AD7170 also has a power-down mode in which the device consumes 5 μA, thus increasing the battery life of the product.

FEATURES
    Output data rate: 125 Hz
    Pin-programmable power-down and reset
    Status function
    Internal clock oscillator
    Current: 135 µA
    Power supply: 2.7 V to 5.25 V
    −40°C to +105°C temperature range
    Package: 10-lead, 3 mm × 3 mm LFCSP

INTERFACE
    2-wire serial (read-only device)
    SPI compatible
    Schmitt trigger on SCLK

APPLICATIONS
    Pressure measurement
    Industrial process control
    Portable instrumentation




Similar Part No. - AD7170

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7170 AD-AD7170 Datasheet
370Kb / 15P
12-Bit Low Power Sigma-Delta ADC
23-Feb-2017
AD7170BCPZ-500RL7 AD-AD7170BCPZ-500RL7 Datasheet
370Kb / 15P
12-Bit Low Power Sigma-Delta ADC
23-Feb-2017
AD7170BCPZ-REEL7 AD-AD7170BCPZ-REEL7 Datasheet
370Kb / 15P
12-Bit Low Power Sigma-Delta ADC
23-Feb-2017
AD7170 AD-AD7170_17 Datasheet
370Kb / 15P
12-Bit Low Power Sigma-Delta ADC
23-Feb-2017
More results


Similar Description - AD7170

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7790 AD-AD7790 Datasheet
299Kb / 20P
Low Power, 16-Bit Buffered Sigma-Delta ADC
AD7171 AD-AD7171 Datasheet
284Kb / 16P
16-Bit Low Power Sigma-Delta ADC
REV. 0
AD7790BRMZ AD-AD7790BRMZ Datasheet
415Kb / 20P
Low Power, 16-Bit Buffered Sigma-Delta ADC
REV. A
AD7790 AD-AD7790_15 Datasheet
415Kb / 20P
Low Power, 16-Bit Buffered Sigma-Delta ADC
REV. A
AD7796 AD-AD7796_15 Datasheet
561Kb / 24P
Low Power, 16-/24-Bit Sigma-Delta ADC
REV. A
AD7797 AD-AD7797_15 Datasheet
561Kb / 24P
Low Power, 16-/24-Bit Sigma-Delta ADC
REV. A
AD7170 AD-AD7170_17 Datasheet
370Kb / 15P
12-Bit Low Power Sigma-Delta ADC
23-Feb-2017
AD7171 AD-AD7171_17 Datasheet
313Kb / 17P
16-Bit, Low Power, Sigma-Delta ADC
23-Feb-2017
AD7790 AD-AD7790_17 Datasheet
466Kb / 21P
Low Power, 16-Bit Buffered Sigma-Delta ADC
A
AD7791 AD-AD7791_17 Datasheet
525Kb / 21P
Low Power, Buffered 24-Bit Sigma-Delta ADC
A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com