Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC74LCX02F Datasheet (PDF) - Toshiba Semiconductor

TC74LCX02F Datasheet PDF - Toshiba Semiconductor
Part # TC74LCX02F
Download  TC74LCX02F Download
File Size   253.47 Kbytes
Page   8 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description LOW VOLTAGE QUAD 2-INPUT NOR GATE WITH 5V TOLERANT INPUTS AND OUTPUTS

TC74LCX02F Datasheet (PDF)

Go To PDF Page Download Datasheet
TC74LCX02F Datasheet PDF - Toshiba Semiconductor

Part # TC74LCX02F
Download  TC74LCX02F Click to download

File Size   253.47 Kbytes
Page   8 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description LOW VOLTAGE QUAD 2-INPUT NOR GATE WITH 5V TOLERANT INPUTS AND OUTPUTS

TC74LCX02F Datasheet (HTML) - Toshiba Semiconductor


TC74LCX02F Product details

Low-Voltage Quad 2-Input NOR Gate with 5-V Tolerant Inputs and Outputs

The TC74LCX02 is a high-performance CMOS 2-input NOR gate.
Designed for use in 3.3-V systems, it achieves high-speed operation while maintaining the CMOS low power dissipation.
The device is designed for low-voltage (3.3 V) VCC applications, but it could be used to interface to 5-V supply environment for inputs.
All inputs are equipped with protection circuits against static discharge.

Features
• Low-voltage operation: VCC = 1.65 to 3.6 V
• High-speed operation: tpd = 5.2 ns (max) (VCC = 3.0 to 3.6 V)
• Output current: |IOH|/IOL = 24 mA (min) (VCC = 3.0 V)
• Latch-up performance: −500 mA
• Available in JEITA SOP, TSSOP and VSSOP(US)
• Power-down protection provided on all inputs and outputs
• Pin and function compatible with the 74 series (74AC/VHC/HC/F/ALS/LS etc.) 02 type




Similar Part No. - TC74LCX02F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74LCX02F TOSHIBA-TC74LCX02F Datasheet
237Kb / 9P
Low-Voltage Quad 2-Input NOR Gate with 5-V Tolerant Inputs and Outputs
TC74LCX02FK TOSHIBA-TC74LCX02FK_12 Datasheet
200Kb / 10P
Low-Voltage Quad 2-Input NOR Gate with 5-V Tolerant Inputs and Outputs
TC74LCX02FN TOSHIBA-TC74LCX02FN Datasheet
237Kb / 9P
Low-Voltage Quad 2-Input NOR Gate with 5-V Tolerant Inputs and Outputs
TC74LCX02FT TOSHIBA-TC74LCX02FT Datasheet
237Kb / 9P
Low-Voltage Quad 2-Input NOR Gate with 5-V Tolerant Inputs and Outputs
TC74LCX02FT TOSHIBA-TC74LCX02FT_12 Datasheet
200Kb / 10P
Low-Voltage Quad 2-Input NOR Gate with 5-V Tolerant Inputs and Outputs
More results


Similar Description - TC74LCX02F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74LCX00F TOSHIBA-TC74LCX00F Datasheet
252Kb / 8P
LOW-VOLTAGE QUAD 2-INPUT NAND GATE WITH 5V TOLERANT INPUTS AND OUTPUTS
TC74LCX08F TOSHIBA-TC74LCX08F Datasheet
251Kb / 8P
LOW-VOLTAGE QUAD 2-INPUT AND GATE WITH 5V TOLERANT INPUTS AND OUTPUTS
TC74LCX32F TOSHIBA-TC74LCX32F Datasheet
254Kb / 8P
LOW VOLTAGE QUAD 2-INPUT OR GATE WITH 5V TOLERANT INPUTS AND OUTPUTS
logo
Fairchild Semiconductor
74LCX02 FAIRCHILD-74LCX02 Datasheet
91Kb / 8P
Low Voltage Quad 2-Input NOR Gate with 5V Tolerant Inputs
logo
STMicroelectronics
74LCX02MTR STMICROELECTRONICS-74LCX02MTR Datasheet
171Kb / 8P
LOW VOLTAGE CMOS QUAD 2-INPUT NOR GATE WITH 5V TOLERANT INPUTS
Sep-2001
74LVX02 STMICROELECTRONICS-74LVX02 Datasheet
162Kb / 11P
LOW VOLTAGE CMOS QUAD 2-INPUT NOR GATE WITH 5V TOLERANT INPUTS
27-Aug-2004
logo
Toshiba Semiconductor
TC74LCX02F TOSHIBA-TC74LCX02F_07 Datasheet
237Kb / 9P
Low-Voltage Quad 2-Input NOR Gate with 5-V Tolerant Inputs and Outputs
TC74VCX02FT TOSHIBA-TC74VCX02FT_07 Datasheet
246Kb / 10P
Low-Voltage Quad 2-Input NOR Gate with 3.6-V Tolerant Inputs and Outputs
logo
STMicroelectronics
74LCX02 STMICROELECTRONICS-74LCX02 Datasheet
241Kb / 15P
Low voltage CMOS QUAD 2-Input NOR gate with 5V tolerant inputs
06-Jul-2006
logo
Toshiba Semiconductor
TC74LCX02F TOSHIBA-TC74LCX02F_12 Datasheet
200Kb / 10P
Low-Voltage Quad 2-Input NOR Gate with 5-V Tolerant Inputs and Outputs
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com