Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC74LCX541F Datasheet (PDF) - Toshiba Semiconductor

TC74LCX541F Datasheet PDF - Toshiba Semiconductor
Part # TC74LCX541F
Download  TC74LCX541F Download
File Size   283.22 Kbytes
Page   8 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description LOW VOLTAGE OCTAL BUS BUFFER WITH 5V TOLERANT INPUTS AND OUTPUTS

TC74LCX541F Datasheet (PDF)

Go To PDF Page Download Datasheet
TC74LCX541F Datasheet PDF - Toshiba Semiconductor

Part # TC74LCX541F
Download  TC74LCX541F Click to download

File Size   283.22 Kbytes
Page   8 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description LOW VOLTAGE OCTAL BUS BUFFER WITH 5V TOLERANT INPUTS AND OUTPUTS

TC74LCX541F Datasheet (HTML) - Toshiba Semiconductor


TC74LCX541F Product details

The TC74LCX541 is a high-performance CMOS octal bus buffer. Designed for use in 3.3-V systems, it achieves high-speed operation while maintaining the CMOS low power dissipation. The device is designed for low-voltage (3.3 V) VCCapplications, but it could be used to interface to 5 V supply environment for both inputs and outputs. The TC74LCX541 is a non-inverting 3-state buffer having two active-low output enables. When either  1OEor 2OEare high, the terminal outputs are in the high-impedance state. This device is designed to be used with 3-state memory address drivers, etc. All inputs are equipped with protection circuits against static discharge.



Features

♦ Low-voltage operation: VCC 1.65 to 3.6 V

♦ High-speed operation: tpd 6.5 ns (max) (VCC 3.0 to 3.6 V)

♦ Output current: |IOH|/IOL 24 mA (min) (VCC 3.0 V)

♦ Latch-up performance: ≥±500 mA

♦ Available in JEITA SOP, TSSOP and VSSOP (US)

♦ Power-down protection providedon all inputs and outputs

♦ Pin and function compatible with the 74 series   (74AC/VHC/HC/F/ALS/LS etc.) 541 type




Similar Part No. - TC74LCX541F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74LCX541F TOSHIBA-TC74LCX541F Datasheet
245Kb / 10P
Low-Voltage Octal Bus Buffer with 5-V Tolerant Inputs and Outputs
TC74LCX541FK TOSHIBA-TC74LCX541FK Datasheet
245Kb / 10P
Low-Voltage Octal Bus Buffer with 5-V Tolerant Inputs and Outputs
TC74LCX541FK TOSHIBA-TC74LCX541FK_11 Datasheet
237Kb / 11P
Low-Voltage Octal Bus Buffer with 5-V Tolerant Inputs and Outputs
TC74LCX541FT TOSHIBA-TC74LCX541FT Datasheet
245Kb / 10P
Low-Voltage Octal Bus Buffer with 5-V Tolerant Inputs and Outputs
TC74LCX541FT TOSHIBA-TC74LCX541FT_11 Datasheet
237Kb / 11P
Low-Voltage Octal Bus Buffer with 5-V Tolerant Inputs and Outputs
More results


Similar Description - TC74LCX541F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74LCX125F TOSHIBA-TC74LCX125F Datasheet
277Kb / 8P
LOW VOLTAGE QUAD BUS BUFFER WITH 5V TOLERANT INPUTS AND OUTPUTS
TC74LCX244F TOSHIBA-TC74LCX244F Datasheet
281Kb / 8P
LOW VOLTAGE OCTAL BUS BUFFER WITH 5V TOLERANT INPUTS AND OUTPUTS
TC74LCX245F TOSHIBA-TC74LCX245F Datasheet
294Kb / 8P
LOW VOLTAGE OCTAL BUS TRANSCEIVER WITH 5V TOLERANT INPUTS AND OUTPUTS
TC74LCX540F TOSHIBA-TC74LCX540F Datasheet
284Kb / 8P
LOW VOLTAGE OCTAL BUS BUFFER (INVERTER) WITH 5V TOLERANT INPUTS AND OUTPUTS
TC7MZ240FK TOSHIBA-TC7MZ240FK Datasheet
230Kb / 6P
LOW-VOLTAGE OCTAL BUS BUFFER (INVERTED) WITH 5V TOLERANT INPUTS AND OUTPUTS
TC7MZ244FK TOSHIBA-TC7MZ244FK Datasheet
229Kb / 6P
LOW-VOLTAGE OCTAL BUS BUFFER WITH 5V TOLERANT INPUTS AND OUTPUTS
TC7MZ245FK TOSHIBA-TC7MZ245FK Datasheet
244Kb / 6P
LOW-VOLTAGE OCTAL BUS TRANSCEIVER WITH 5V TOLERANT INPUTS AND OUTPUTS
TC7MZ540FK TOSHIBA-TC7MZ540FK Datasheet
233Kb / 6P
LOW-VOLTAGE OCTAL BUS BUFFER (INVERTED) WITH 5V TOLERANT INPUTS AND OUTPUTS
TC7MZ541FK TOSHIBA-TC7MZ541FK Datasheet
240Kb / 6P
LOW-VOLTAGE OCTAL BUS BUFFER WITH 5V TOLERANT INPUTS AND OUTPUTS
logo
STMicroelectronics
74LCX541 STMICROELECTRONICS-74LCX541_07 Datasheet
295Kb / 17P
LOW VOLTAGE CMOS OCTAL BUS BUFFER (3-STATE) WITH 5V TOLERANT INPUTS AND OUTPUTS
24-Jan-2007
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com