Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDBF0245-HF Datasheet (PDF) - Comchip Technology

CDBF0245-HF Datasheet PDF - Comchip Technology
Part # CDBF0245-HF
Download  CDBF0245-HF Download
File Size   202.96 Kbytes
Page   4 Pages
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology
Description SMD Schottky Barrier Diode

CDBF0245-HF Datasheet (PDF)

Go To PDF Page Download Datasheet
CDBF0245-HF Datasheet PDF - Comchip Technology

Part # CDBF0245-HF
Download  CDBF0245-HF Click to download

File Size   202.96 Kbytes
Page   4 Pages
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology
Description SMD Schottky Barrier Diode

CDBF0245-HF Datasheet (HTML) - Comchip Technology


CDBF0245-HF Product details

Io = 200 mA
VR = 45 Volts

Features
   Halogen free.
   Designed for mounting on small surface.
   Extremely thin/leadless package.
   Low leakage current (IR=0.1uA typ.@VR=10V).
   Majority carrier conduction.

Mechanical data
   Case: 1005(2512) standard package, molded plastic.
   Terminals: Gold plated, solderable per MIL-STD-750,method 2026.
   Marking code: cathode band & B6
   Mounting position: Any
   Weight: 0.006 gram(approx.).




Similar Part No. - CDBF0245-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDBF0245 COMCHIP-CDBF0245 Datasheet
151Kb / 2P
SMD Schottky Barrier Diode
More results


Similar Description - CDBF0245-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
RB521G30-G COMCHIP-RB521G30-G Datasheet
51Kb / 2P
SMD Schottky Barrier Diode
CDBF0145 COMCHIP-CDBF0145 Datasheet
151Kb / 2P
SMD Schottky Barrier Diode
CDBF0245 COMCHIP-CDBF0245 Datasheet
151Kb / 2P
SMD Schottky Barrier Diode
CDBF0520 COMCHIP-CDBF0520 Datasheet
124Kb / 2P
SMD Schottky Barrier Diode
CDBFR40 COMCHIP-CDBFR40 Datasheet
72Kb / 2P
SMD Schottky Barrier Diode
CDBFR0145 COMCHIP-CDBFR0145 Datasheet
76Kb / 2P
SMD Schottky Barrier Diode
CDBFR00340 COMCHIP-CDBFR00340 Datasheet
74Kb / 2P
SMD Schottky Barrier Diode
CDBFR0520L COMCHIP-CDBFR0520L Datasheet
73Kb / 2P
SMD Schottky Barrier Diode
CDBU70 COMCHIP-CDBU70 Datasheet
74Kb / 2P
SMD Schottky Barrier Diode
CDBUR42 COMCHIP-CDBUR42 Datasheet
73Kb / 2P
SMD Schottky Barrier Diode
More results




About Comchip Technology


Comchip Technology is a global manufacturer of high-quality discrete semiconductors and passive components. The company was founded in 1987 and is headquartered in Taiwan.

Comchip Technology offers a wide range of products, including diodes, rectifiers, bridge rectifiers, transient voltage suppressors, and zener diodes. The company also produces a variety of passive components, such as ceramic capacitors, tantalum capacitors, and inductors.

Comchip Technology has a strong focus on research and development, and has developed a number of proprietary technologies that have helped to establish the company as a leader in its field. The company has also established strategic partnerships with other leading semiconductor manufacturers in order to further enhance its capabilities.

Comchip Technology's products are used in a variety of applications, including power management, consumer electronics, automotive, telecommunications, and industrial equipment. The company is committed to providing high-quality products and exceptional customer service, and is continuously improving its products and processes in order to better meet the needs of its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com