Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74VCX08 Datasheet (PDF) - Toshiba Semiconductor

74VCX08 Datasheet PDF - Toshiba Semiconductor
Part # 74VCX08
Download  74VCX08 Download
File Size   274.8 Kbytes
Page   8 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description LOW-VOLTAGE QUAD 2-INPUT AND GATE WITH 3.6V TOLERANT INPUTS AND OUTPUTS

74VCX08 Datasheet (PDF)

Go To PDF Page Download Datasheet
74VCX08 Datasheet PDF - Toshiba Semiconductor

Part # 74VCX08
Download  74VCX08 Click to download

File Size   274.8 Kbytes
Page   8 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description LOW-VOLTAGE QUAD 2-INPUT AND GATE WITH 3.6V TOLERANT INPUTS AND OUTPUTS

74VCX08 Datasheet (HTML) - Toshiba Semiconductor


74VCX08 Product details

Low-Voltage Quad 2-Input AND Gate with 3.6-V Tolerant Inputs and Outputs

The TC74VCX08FT/FK is a high-performance CMOS 2-input AND gate which is guaranteed to operate from 1.2-V to 3.6-V.
Designed for use in 1.5V, 1.8V, 2.5V or 3.3V systems, it achieves high-speed operation while maintaining the CMOS low power dissipation.
It is also designed with overvoltage tolerant inputs and outputs up to 3.6 V.
All inputs are equipped with protection circuits against static discharge.

Features (Note)
• Low-voltage operation: VCC = 1.2~3.6 V
• High-speed operation
   : tpd = 2.8 ns (max) (VCC = 3.0~3.6 V)
   : tpd = 3.7 ns (max) (VCC = 2.3~2.7 V)
   : tpd = 7.4 ns (max) (VCC = 1.65~1.95 V)
   : tpd = 14.8 ns (max) (VCC = 1.4~1.6 V)
   : tpd = 37.0 ns (max) (VCC = 1.2 V)
• Output current
   : IOH/IOL = ±24 mA (min) (VCC = 3.0 V)
   : IOH/IOL = ±18 mA (min) (VCC = 2.3 V)
   : IOH/IOL = ±6 mA (min) (VCC = 1.65 V)
   : IOH/IOL = ±2 mA (min) (VCC = 1.4 V)
• Latch-up performance: −300 mA
• ESD performance: Machine model ≥ ±200 V
   Human body model ≥ ±2000 V
• Package: TSSOP and VSSOP (US)
• Power-down protection provided on all inputs and outputs




Similar Part No. - 74VCX08

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VCX08 FAIRCHILD-74VCX08 Datasheet
63Kb / 10P
Low Voltage Quad 2-Input AND Gate with 3.6V Tolerant Inputs and Outputs
logo
ON Semiconductor
74VCX08 ONSEMI-74VCX08 Datasheet
643Kb / 13P
Low Voltage Quad 2-Input AND Gate
December 2013 Rev. 1.9.1
logo
Fairchild Semiconductor
74VCX08 FAIRCHILD-74VCX08 Datasheet
732Kb / 12P
Low Voltage Quad 2-Input AND Gate with 3.6V Tolerant Inputs and Outputs
74VCX08BQX FAIRCHILD-74VCX08BQX Datasheet
63Kb / 10P
Low Voltage Quad 2-Input AND Gate with 3.6V Tolerant Inputs and Outputs
logo
ON Semiconductor
74VCX08BQX ONSEMI-74VCX08BQX Datasheet
643Kb / 13P
Low Voltage Quad 2-Input AND Gate
December 2013 Rev. 1.9.1
More results


Similar Description - 74VCX08

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VCX00FT TOSHIBA-TC74VCX00FT Datasheet
265Kb / 8P
LOW VOLTAGE QUAD 2-INPUT NAND GATE WITH 3.6V TOLERANT INPUTS AND OUTPUTS
TC74VCX32FT TOSHIBA-TC74VCX32FT Datasheet
282Kb / 8P
LOW VOLTAGE QUAD 2-INPUT OR GATE WITH 3.6V TOLERANT INPUTS AND OUTPUTS
logo
Fairchild Semiconductor
74ALVC00 FAIRCHILD-74ALVC00 Datasheet
89Kb / 5P
Low Voltage Quad 2-Input NAND Gate with 3.6V Tolerant Inputs and Outputs
74ALVC08 FAIRCHILD-74ALVC08 Datasheet
89Kb / 5P
Low Voltage Quad 2-Input AND Gate with 3.6V Tolerant Inputs and Outputs
74ALVC32 FAIRCHILD-74ALVC32 Datasheet
71Kb / 5P
Low Voltage Quad 2-Input OR Gate with 3.6V Tolerant Inputs and Outputs
74VCX08 FAIRCHILD-74VCX08 Datasheet
63Kb / 10P
Low Voltage Quad 2-Input AND Gate with 3.6V Tolerant Inputs and Outputs
74VCX32 FAIRCHILD-74VCX32 Datasheet
513Kb / 10P
Low Voltage Quad 2-Input OR Gate with 3.6V Tolerant Inputs and Outputs
74VCX32M FAIRCHILD-74VCX32M Datasheet
512Kb / 10P
Low Voltage Quad 2-Input OR Gate with 3.6V Tolerant Inputs and Outputs
74ALVC32 FAIRCHILD-74ALVC32_05 Datasheet
92Kb / 5P
Low Voltage Quad 2-Input OR Gate with 3.6V Tolerant Inputs and Outputs
74VCX08 FAIRCHILD-74VCX08_08 Datasheet
732Kb / 12P
Low Voltage Quad 2-Input AND Gate with 3.6V Tolerant Inputs and Outputs
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com