Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CZRER52C10-HF Datasheet (PDF) - Comchip Technology

CZRER52C10-HF Datasheet PDF - Comchip Technology
Part # CZRER52C10-HF
Download  CZRER52C10-HF Download
File Size   271.24 Kbytes
Page   6 Pages
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology
Description SMD Zener Diode

CZRER52C10-HF Datasheet (PDF)

Go To PDF Page Download Datasheet
CZRER52C10-HF Datasheet PDF - Comchip Technology

Part # CZRER52C10-HF
Download  CZRER52C10-HF Click to download

File Size   271.24 Kbytes
Page   6 Pages
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology
Description SMD Zener Diode

CZRER52C10-HF Datasheet (HTML) - Comchip Technology


CZRER52C10-HF Product details

Voltage 2 to 39 Volts
Power 150 mWatts
RoHS Device
Halogen free

Features
- 150mW Power Dissipation.
- High Voltages from 2 ~ 39 V.
- Designed for mounting on small surface.
- Extremely thin/leadless package.
- Pb free product.

Mechanical data
- Case: 0503/SOD-723F Standard package Molded plastic.
- Terminals: Gold plated, solderable per MIL-STD-750,method 2026.
- Polarity: Indicated by cathode band.
- Weight: 0.002 gram(approx.).




Similar Part No. - CZRER52C10-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CZRER52C12 COMCHIP-CZRER52C12 Datasheet
162Kb / 6P
SMD Zener Diode
More results


Similar Description - CZRER52C10-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CZRF52C2 COMCHIP-CZRF52C2 Datasheet
244Kb / 4P
SMD Zener Diode
CZRA4728-G COMCHIP-CZRA4728-G Datasheet
96Kb / 3P
SMD Zener Diode
CZRFR2V4B-HF COMCHIP-CZRFR2V4B-HF Datasheet
136Kb / 5P
SMD Zener Diode
CZRU2V4B-HF COMCHIP-CZRU2V4B-HF Datasheet
137Kb / 5P
SMD Zener Diode
CZRUR52C2-HF COMCHIP-CZRUR52C2-HF Datasheet
161Kb / 6P
SMD Zener Diode
ACZRV5223B-HF COMCHIP-ACZRV5223B-HF Datasheet
132Kb / 5P
SMD Zener Diode
CZRL55C2V4-G COMCHIP-CZRL55C2V4-G Datasheet
434Kb / 6P
SMD Zener Diode
CZRQC52C2V4-HF COMCHIP-CZRQC52C2V4-HF Datasheet
111Kb / 4P
SMD Zener Diode
CZRT23C2V7-HF COMCHIP-CZRT23C2V7-HF Datasheet
326Kb / 5P
SMD Zener Diode
CZRW4678-G COMCHIP-CZRW4678-G Datasheet
493Kb / 5P
SMD Zener Diode
More results




About Comchip Technology


Comchip Technology is a global manufacturer of high-quality discrete semiconductors and passive components. The company was founded in 1987 and is headquartered in Taiwan.

Comchip Technology offers a wide range of products, including diodes, rectifiers, bridge rectifiers, transient voltage suppressors, and zener diodes. The company also produces a variety of passive components, such as ceramic capacitors, tantalum capacitors, and inductors.

Comchip Technology has a strong focus on research and development, and has developed a number of proprietary technologies that have helped to establish the company as a leader in its field. The company has also established strategic partnerships with other leading semiconductor manufacturers in order to further enhance its capabilities.

Comchip Technology's products are used in a variety of applications, including power management, consumer electronics, automotive, telecommunications, and industrial equipment. The company is committed to providing high-quality products and exceptional customer service, and is continuously improving its products and processes in order to better meet the needs of its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com