Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX6503A Datasheet (PDF) - Microsemi Corporation

LX6503A Datasheet PDF - Microsemi Corporation
Part # LX6503A
Download  LX6503A Download
File Size   363.46 Kbytes
Page   2 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description High Performance CCFL Controller

LX6503A Datasheet (PDF)

Go To PDF Page Download Datasheet
LX6503A Datasheet PDF - Microsemi Corporation

Part # LX6503A
Download  LX6503A Click to download

File Size   363.46 Kbytes
Page   2 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description High Performance CCFL Controller

LX6503A Datasheet (HTML) - Microsemi Corporation


LX6503A Product details

Description
The LX6503A is a high performance CCFL controller optimized for larger LCD-TV and other multi-lamp LCD display systems.

Key Features
400V Off-PFC HV-LIPS Support
   > Half-bridge or Full-Bridge drive support for inverters
Integrated JIN’s PureBLACKTM Mega Dimming
   > Supports BURST PWM dimming for ‘true zero’ percent duty cycle operation
Comprehensive Brightness Control Modes
   > Analog only @ adjust lamp current only
   > Analog BURST Dimming @ analog voltage to BURST PWM
   > Digital BURST Dimming @ Direct PWM BURST input
Multiple Drive Topologies Supported
   > Push-Pull, Half-bridge, and Full-bridge
   > 600mA sourcing or sinking gate drivers
Lamp Frequency Synchronization - SYNC
   > Auto sync signal detection to lower or higher external frequency with min/max limiting and frequency hold
Protection, Lamp Strike, Detection, and Operation
   > OLP, OVP (regulation/protection), OIP and Short Circuit
   > Programmable STRIKE and Fault time (run mode)
   > Programmable STRIKE frequency

APPLICATIONS
> Large screen LCD Televisions
> Multi-lamp LCD monitors for demanding graphics and imaging applications
> CCFL, EEFL, FFL Backlight systems




Similar Part No. - LX6503A

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX6503 MICROSEMI-LX6503 Datasheet
124Kb / 2P
TM HIGH PERFORMANCE CCFL CONTROLLER
LX6503IDW MICROSEMI-LX6503IDW Datasheet
124Kb / 2P
TM HIGH PERFORMANCE CCFL CONTROLLER
LX6503IPW MICROSEMI-LX6503IPW Datasheet
124Kb / 2P
TM HIGH PERFORMANCE CCFL CONTROLLER
More results


Similar Description - LX6503A

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX6501 MICROSEMI-LX6501 Datasheet
81Kb / 2P
TM High Performance Multi-Lamp CCFL Controller
LX1693 MICROSEMI-LX1693 Datasheet
92Kb / 2P
High Performance CCFL Controller w/ALS
LX1697 MICROSEMI-LX1697 Datasheet
70Kb / 2P
High Performance CCFL Controller
LX6512 MICROSEMI-LX6512 Datasheet
101Kb / 2P
High Performance CCFL controller
LX6523A MICROSEMI-LX6523A Datasheet
387Kb / 2P
High Performance CCFL Controller
LX1699 MICROSEMI-LX1699 Datasheet
154Kb / 2P
High Performance CCFL Controller TM
LX6503 MICROSEMI-LX6503 Datasheet
124Kb / 2P
TM HIGH PERFORMANCE CCFL CONTROLLER
LX6523 MICROSEMI-LX6523 Datasheet
107Kb / 2P
TM HIGH PERFORMANCE CCFL CONTROLLER
LX6512 MICROSEMI-LX6512_09 Datasheet
115Kb / 2P
High Performance CCFL Controller
LX6512A MICROSEMI-LX6512A Datasheet
86Kb / 2P
High Performance CCFL Controller
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com