Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC74VHC164F Datasheet (PDF) - Toshiba Semiconductor

TC74VHC164F Datasheet PDF - Toshiba Semiconductor
Part # TC74VHC164F
Download  TC74VHC164F Download
File Size   259.59 Kbytes
Page   7 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 8-BIT SHIFT REGISTER

TC74VHC164F Datasheet (PDF)

Go To PDF Page Download Datasheet
TC74VHC164F Datasheet PDF - Toshiba Semiconductor

Part # TC74VHC164F
Download  TC74VHC164F Click to download

File Size   259.59 Kbytes
Page   7 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 8-BIT SHIFT REGISTER

TC74VHC164F Datasheet (HTML) - Toshiba Semiconductor


TC74VHC164F Product details

The TC74VHC164 is an advanced high speed CMOS 8-BIT SERIAL-IN PARALLEL-OUT SHIFT REGISTER fabricated with silicon gate C2MOS technology. It achieves the high speed operation similar to equivalent Bipolar Schottky TTL while maintaining the CMOS low power dissipation.



Features

• High speed: fmax = 175 MHz (typ.) at VCC = 5 V

• Low power dissipation: ICC = 4 μA (max) at Ta = 25°C

• High noise immunity: VNIH = VNIL = 28% VCC (min)

• Power down protection is provided on all inputs.

• Balanced propagation delays: tpLH ∼ − tpHL

• Wide operating voltage range: VCC (opr) = 2 to 5.5 V

• Low noise: VOLP = 0.8 V (max)

• Pin and function compatible with 74ALS164




Similar Part No. - TC74VHC164F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VHC164F TOSHIBA-TC74VHC164F Datasheet
271Kb / 11P
8-Bit Shift Register (S-IN, P-OUT)
TC74VHC164F TOSHIBA-TC74VHC164F Datasheet
339Kb / 7P
8-BIT SHIFT REGISTER (S-IN, P-OUT)
1997-01-30
TC74VHC164FK TOSHIBA-TC74VHC164FK Datasheet
271Kb / 11P
8-Bit Shift Register (S-IN, P-OUT)
TC74VHC164FK TOSHIBA-TC74VHC164FK_12 Datasheet
230Kb / 10P
8-Bit Shift Register (S-IN, P-OUT)
TC74VHC164FN TOSHIBA-TC74VHC164FN Datasheet
271Kb / 11P
8-Bit Shift Register (S-IN, P-OUT)
More results


Similar Description - TC74VHC164F

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10E141 ONSEMI-MC10E141 Datasheet
111Kb / 4P
8-BIT SHIFT REGISTER
1996 REV 3
logo
Toshiba Semiconductor
TC7MH165FK TOSHIBA-TC7MH165FK Datasheet
292Kb / 7P
8-BIT SHIFT REGISTER
logo
Hitachi Semiconductor
HD74AC166 HITACHI-HD74AC166 Datasheet
65Kb / 11P
8-bit Shift Register
logo
Micrel Semiconductor
SY10E141 MICREL-SY10E141 Datasheet
63Kb / 4P
8-BIT SHIFT REGISTER
logo
Toshiba Semiconductor
TC74ACT164F TOSHIBA-TC74ACT164F Datasheet
281Kb / 7P
8 BIT SHIFT REGISTER
logo
List of Unclassifed Man...
GD4021B ETC1-GD4021B Datasheet
67Kb / 2P
8-BIT SHIFT REGISTER
logo
Micrel Semiconductor
SY10E141 MICREL-SY10E141_06 Datasheet
63Kb / 4P
8-BIT SHIFT REGISTER
logo
Renesas Technology Corp
HD74HC95 RENESAS-HD74HC95 Datasheet
90Kb / 7P
8-bit Shift Register
logo
Micrel Semiconductor
SY100S341 MICREL-SY100S341_07 Datasheet
89Kb / 6P
8-BIT SHIFT REGISTER
logo
Diodes Incorporated
74AHCT595 DIODES-74AHCT595 Datasheet
255Kb / 10P
8-BIT SHIFT REGISTER 8-BIT OUTPUT REGISTER
Rev 3
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com