Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS1.25 Datasheet (PDF) - Bel Fuse Inc.

MS1.25 Datasheet PDF - Bel Fuse Inc.
Part # MS1.25
Download  MS1.25 Download
File Size   385.94 Kbytes
Page   2 Pages
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.
Description Slow Blow Micro Fuse

MS1.25 Datasheet (PDF)

Go To PDF Page Download Datasheet
MS1.25 Datasheet PDF - Bel Fuse Inc.

Part # MS1.25
Download  MS1.25 Click to download

File Size   385.94 Kbytes
Page   2 Pages
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.
Description Slow Blow Micro Fuse

MS1.25 Datasheet (HTML) - Bel Fuse Inc.


MS1.25 Product details

Features
- Slow Blow Fuse
- Small size 3 x 7 mm
- Wide range of current rating from 100mA to 15A
- Wide operating temperature range
- RoHS compliant
- Halogen Free

Applications
- Notebook
- LCD monitor
- PC computer
- Office electronic equipment
- Industrial equipment
- Medical equipment
- POE, POE+
- LCD / LED monitor
- Power supply
- LCD / LED TV




Similar Part No. - MS1.25

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MS1.25 ETC1-MS1.25 Datasheet
57Kb / 2P
SLOW BLOW MICRO FUSE
More results


Similar Description - MS1.25

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MS1.5 ETC1-MS1.5 Datasheet
57Kb / 2P
SLOW BLOW MICRO FUSE
logo
Bel Fuse Inc.
GSA63 BEL-GSA63 Datasheet
90Kb / 2P
Slow Blow Fuse Series
5TT BEL-5TT Datasheet
96Kb / 2P
Slow Blow Fuse Series
0602-0061-33 BEL-0602-0061-33 Datasheet
93Kb / 2P
Slow Blow Fuse Series
3SB BEL-3SB_13 Datasheet
1Mb / 4P
Slow Blow Fuse Series
MS250 BEL-MS250_13 Datasheet
1Mb / 4P
TYPE MS SLOW BLOW MICRO FUSE
0697H BEL-0697H Datasheet
2Mb / 4P
Slow Blow Lead Micro Fuse Series
5TT BEL-5TT_16 Datasheet
1Mb / 4P
SLOW BLOW FUSE SERIES
GSA BEL-GSA_17 Datasheet
1Mb / 4P
SLOW BLOW FUSE SERIES
0697H0250-XX BEL-0697H0250-XX Datasheet
868Kb / 4P
Slow Blow Lead Micro Fuse Series
More results




About Bel Fuse Inc.


Bel Fuse Inc is a multinational electronics company that specializes in the design and manufacture of a wide range of products, including circuit protection solutions, magnetic components, power solutions, and connectivity solutions.

The company was founded in 1949 and has its headquarters in Jersey City, New Jersey.

Bel Fuse operates globally, serving customers in industries such as telecommunications, data storage, aerospace, and industrial electronics, among others.

The company is known for its high-quality products and innovative technology, and it has a strong reputation in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com