Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC74VHC393F Datasheet (PDF) - Toshiba Semiconductor

TC74VHC393F Datasheet PDF - Toshiba Semiconductor
Part # TC74VHC393F
Download  TC74VHC393F Download
File Size   257.95 Kbytes
Page   7 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description DUAL BINARY COUNTER

TC74VHC393F Datasheet (PDF)

Go To PDF Page Download Datasheet
TC74VHC393F Datasheet PDF - Toshiba Semiconductor

Part # TC74VHC393F
Download  TC74VHC393F Click to download

File Size   257.95 Kbytes
Page   7 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description DUAL BINARY COUNTER

TC74VHC393F Datasheet (HTML) - Toshiba Semiconductor


TC74VHC393F Product details

Dual Binary Counter

The TC74VHC393 is an advanced high speed CMOS 4-BIT BINARY COUNTER fabricated with silicon gate C2MOS technology.

Features
• High speed: fmax = 170 MHz (typ.) at VCC = 5 V
• Low power dissipation: ICC = 4 μA (max) at Ta = 25°C
• High noise immunity: VNIH = VNIL = 28% VCC (min)
• Power down protection is provided on all inputs.
• Balanced propagation delays: tpLH ∼ − tpHL
• Wide operating voltage range: VCC (opr) = 2 to 5.5 V
• Low noise: VOLP = 0.8 V (max)
• Pin and function compatible with 74ALS393




Similar Part No. - TC74VHC393F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VHC393F TOSHIBA-TC74VHC393F Datasheet
282Kb / 9P
Dual Binary Counter
2019-01-31
TC74VHC393FK TOSHIBA-TC74VHC393FK Datasheet
282Kb / 9P
Dual Binary Counter
2019-01-31
TC74VHC393F TOSHIBA-TC74VHC393F_07 Datasheet
235Kb / 10P
CMOS Digital Integrated Circuit Silicon Monolithic
01-Oct-2007
TC74VHC393F TOSHIBA-TC74VHC393F_V01 Datasheet
282Kb / 9P
Dual Binary Counter
2019-01-31
More results


Similar Description - TC74VHC393F

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4520B PHILIPS-HEF4520B Datasheet
64Kb / 7P
Dual binary counter
January 1995
logo
STMicroelectronics
M54HCT393 STMICROELECTRONICS-M54HCT393 Datasheet
254Kb / 12P
DUAL BINARY COUNTER
Oct-1993
logo
Toshiba Semiconductor
TC74AC393F TOSHIBA-TC74AC393F Datasheet
298Kb / 7P
DUAL BINARY COUNTER
TC74HC393AP TOSHIBA-TC74HC393AP Datasheet
288Kb / 8P
DUAL BINARY COUNTER
logo
STMicroelectronics
M74HC393 STMICROELECTRONICS-M74HC393 Datasheet
199Kb / 11P
DUAL BINARY COUNTER
Jul-2001
HCF4520B STMICROELECTRONICS-HCF4520B Datasheet
912Kb / 12P
DUAL BINARY UP COUNTER
Oct-2002
logo
Nexperia B.V. All right...
HEF4520B-Q100 NEXPERIA-HEF4520B-Q100 Datasheet
184Kb / 14P
Dual binary counter
logo
Toshiba Semiconductor
74VHC393FT TOSHIBA-74VHC393FT Datasheet
192Kb / 12P
Dual Binary Counter
22-Feb-2017
TC74VHC393F TOSHIBA-TC74VHC393F_V01 Datasheet
282Kb / 9P
Dual Binary Counter
2019-01-31
logo
Nexperia B.V. All right...
HEF4520B NEXPERIA-HEF4520B Datasheet
219Kb / 12P
Dual binary counter
Rev. 8 - 1 March 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com