Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC74VHC573F Datasheet (PDF) - Toshiba Semiconductor

TC74VHC573F Datasheet PDF - Toshiba Semiconductor
Part # TC74VHC573F
Download  TC74VHC573F Download
File Size   259.43 Kbytes
Page   7 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description OCTAL D-TYPE LATCH WITH 3-STATE OUTPUT

TC74VHC573F Datasheet (PDF)

Go To PDF Page Download Datasheet
TC74VHC573F Datasheet PDF - Toshiba Semiconductor

Part # TC74VHC573F
Download  TC74VHC573F Click to download

File Size   259.43 Kbytes
Page   7 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description OCTAL D-TYPE LATCH WITH 3-STATE OUTPUT

TC74VHC573F Datasheet (HTML) - Toshiba Semiconductor


TC74VHC573F Product details

The TC74VHC573 is an advanced high speed CMOS OCTAL LATCH with 3-STATE OUTPUT fabricated with silicon gate C2MOS technology. It achieves the high speed operation similar to equivalent Bipolar Schottky TTL while maintaining the CMOS low power dissipation

Features
• High speed: tpd = 4.5 ns (typ.) at VCC = 5 V
• Low power dissipation: ICC = 4 μA (max) at Ta = 25°C
• High noise immunity: VNIH = VNIL = 28% VCC (min)
• Power down protection is provided on all inputs.
• Balanced propagation delays: tpLH ∼ − tpHL
• Wide operating voltage range: VCC (opr) = 2 to 5.5 V
• Low noise: VOLP = 1.2 V (max)
• Pin and function compatible with 74ALS573




Similar Part No. - TC74VHC573F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VHC573F TOSHIBA-TC74VHC573F Datasheet
232Kb / 10P
Octal D-Type Latch with 3-State Output
TC74VHC573FK TOSHIBA-TC74VHC573FK Datasheet
232Kb / 10P
Octal D-Type Latch with 3-State Output
TC74VHC573FT TOSHIBA-TC74VHC573FT Datasheet
232Kb / 10P
Octal D-Type Latch with 3-State Output
TC74VHC573F TOSHIBA-TC74VHC573F_07 Datasheet
232Kb / 10P
Octal D-Type Latch with 3-State Output
More results


Similar Description - TC74VHC573F

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHCT573A ONSEMI-MC74VHCT573A Datasheet
171Kb / 7P
Octal D-Type Latch with 3-State Output
REV 0
logo
Toshiba Semiconductor
TC74VHC373F TOSHIBA-TC74VHC373F Datasheet
260Kb / 7P
OCTAL D-TYPE LATCH WITH 3-STATE OUTPUT
TC74VHCT573AF TOSHIBA-TC74VHCT573AF Datasheet
258Kb / 6P
OCTAL D-TYPE LATCH WITH 3-STATE OUTPUT
TC7MET573AFK TOSHIBA-TC7MET573AFK Datasheet
223Kb / 5P
OCTAL D-TYPE LATCH WITH 3-STATE OUTPUT
TC7MET373AFK TOSHIBA-TC7MET373AFK Datasheet
188Kb / 7P
Octal D-Type Latch with 3-State Output
TC7MET573AFK TOSHIBA-TC7MET573AFK_07 Datasheet
187Kb / 7P
Octal D-Type Latch with 3-State Output
TC74LVX373F TOSHIBA-TC74LVX373F_07 Datasheet
211Kb / 9P
Octal D-Type Latch with 3-State Output
TC74VHC573F TOSHIBA-TC74VHC573F_07 Datasheet
232Kb / 10P
Octal D-Type Latch with 3-State Output
TC74VHCT373AF TOSHIBA-TC74VHCT373AF_07 Datasheet
228Kb / 9P
Octal D-Type Latch with 3-State Output
logo
ON Semiconductor
MC74VHC573 ONSEMI-MC74VHC573_11 Datasheet
149Kb / 9P
Octal D-Type Latch with 3-State Output
May, 2011 ??Rev. 6
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com