Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VRPC-10AT5X Datasheet (PDF) - Bel Fuse Inc.

VRPC-10AT5X Datasheet PDF - Bel Fuse Inc.
Part # VRPC-10AT5X
Download  VRPC-10AT5X Download
File Size   118.41 Kbytes
Page   5 Pages
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.
Description NON-ISOLATED DC/DC CONVERTERS

VRPC-10AT5X Datasheet (PDF)

Go To PDF Page Download Datasheet
VRPC-10AT5X Datasheet PDF - Bel Fuse Inc.

Part # VRPC-10AT5X
Download  VRPC-10AT5X Click to download

File Size   118.41 Kbytes
Page   5 Pages
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.
Description NON-ISOLATED DC/DC CONVERTERS

VRPC-10AT5X Datasheet (HTML) - Bel Fuse Inc.


VRPC-10AT5X Product details

Description
The VRPC-10AT5x is a non-isolated step down dc/dc converter that operates from a nominal 12 V source. This converter is designed specifically to provide bus termination voltages in applications such as DDR (double data rate) memory where the bus termination voltage must closely track the I/O bus voltage. The converter accepts a reference input and uses this to program its output voltage to 50% of the reference. The unit is packaged in an industry-standard single-in-line footprint and provides a maximum 10 A output. Standard features include remote on/off, input under-voltage lockout, over current protection and remote sense. Replace “x” in the part number with “S” or “A” depending on your specific application and specific external capacitor bank.

VRPC-10AT5x RoHS Compliant
• Non-Isolated
• Remote On/Off
• High Efficiency
• Under-voltage Lockout (UVLO)
• High Power Density
• OCP/SCP
• Low Cost
• Remote Sense




Similar Part No. - VRPC-10AT5X

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
VRPC-10AT5A BEL-VRPC-10AT5A Datasheet
118Kb / 5P
NON-ISOLATED DC/DC CONVERTERS
VRPC-10AT5S BEL-VRPC-10AT5S Datasheet
118Kb / 5P
NON-ISOLATED DC/DC CONVERTERS
More results


Similar Description - VRPC-10AT5X

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
NNL05 CANDD-NNL05_06 Datasheet
1Mb / 10P
Non-Isolated DC/DC Converters
logo
Bel Fuse Inc.
S7KS-25D BEL-S7KS-25D Datasheet
129Kb / 4P
NON-ISOLATED DC/DC CONVERTERS
SRBA-03E1AX BEL-SRBA-03E1AX Datasheet
219Kb / 8P
NON-ISOLATED DC/DC CONVERTERS
SRBA-06A1AX BEL-SRBA-06A1AX_07 Datasheet
295Kb / 10P
NON-ISOLATED DC/DC CONVERTERS
VRBA-06A1AX BEL-VRBA-06A1AX_07 Datasheet
248Kb / 8P
NON-ISOLATED DC/DC CONVERTERS
VRBC-16A2AX BEL-VRBC-16A2AX_07 Datasheet
301Kb / 10P
NON-ISOLATED DC/DC CONVERTERS
VRPB-15C BEL-VRPB-15C Datasheet
279Kb / 9P
NON-ISOLATED DC/DC CONVERTERS
VRPF-15B1AC BEL-VRPF-15B1AC Datasheet
242Kb / 8P
NON-ISOLATED DC/DC CONVERTERS
XRAH-01K BEL-XRAH-01K Datasheet
193Kb / 8P
NON-ISOLATED DC/DC CONVERTERS
XRAH-03L1A0 BEL-XRAH-03L1A0 Datasheet
184Kb / 7P
NON-ISOLATED DC/DC CONVERTERS
More results




About Bel Fuse Inc.


Bel Fuse Inc is a multinational electronics company that specializes in the design and manufacture of a wide range of products, including circuit protection solutions, magnetic components, power solutions, and connectivity solutions.

The company was founded in 1949 and has its headquarters in Jersey City, New Jersey.

Bel Fuse operates globally, serving customers in industries such as telecommunications, data storage, aerospace, and industrial electronics, among others.

The company is known for its high-quality products and innovative technology, and it has a strong reputation in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com