Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

73K324L Datasheet (PDF) - Teridian Semiconductor Corporation

73K324L Datasheet PDF - Teridian Semiconductor Corporation
Part # 73K324L
Download  73K324L Download
File Size   244.58 Kbytes
Page   30 Pages
Manufacturer  TERIDIAN [Teridian Semiconductor Corporation]
Direct Link  http://www.teridian.com
Logo TERIDIAN - Teridian Semiconductor Corporation
Description Single-Chip Modem

73K324L Datasheet (PDF)

Go To PDF Page Download Datasheet
73K324L Datasheet PDF - Teridian Semiconductor Corporation

Part # 73K324L
Download  73K324L Click to download

File Size   244.58 Kbytes
Page   30 Pages
Manufacturer  TERIDIAN [Teridian Semiconductor Corporation]
Direct Link  http://www.teridian.com
Logo TERIDIAN - Teridian Semiconductor Corporation
Description Single-Chip Modem

73K324L Datasheet (HTML) - Teridian Semiconductor Corporation


73K324L Product details

DESCRIPTION

The 73K324L is a highly integrated single-chip modem IC, which provides the functions, needed to design a Quad-mode CCITT and Bell 212A compatible modem capable of operation over dial-up lines. The 73K324L adds V.23 capability to the CCITT modes of TERIDIAN Semiconductor Corporations 73K224 one-chip modem, allowing a one-chip implementation in designs intended for European markets, which require this added Modulation mode. The 73K324L offers excellent performance and a high level of functional integration in a single IC. The device supports V.22bis, V.22, Bell 212A, V.21, and V.23 operating modes, allowing both synchronous and asynchronous operation as defined by the appropriate standard.

The 73K324L is designed to appear to the Systems Engineer as a microprocessor peripheral, and will easily interface with popular one-chip microcontrollers (80C51 typical) for control of modem functions through its 8-bit multiplexed address/data bus. A serial control bus is available for applications not requiring a parallel interface. An optional package with only the serial control bus is also available. Data communications occurs through a separate serial port.



FEATURES

• One chip Multi-mode CCITT V.22bis, V.22, V.21, V.23 and Bell 212A compatible modem data pump

• FSK (75, 300, 1200 bit/s), DPSK (600, 1200 bit/s), or QAM (2400 bit/s) encoding

• Pin and software compatible with other TERIDIAN Semiconductor Corporation K-Series family one-chip modems

• Interfaces directly with standard microprocessors (8048, 80C51 typical)

• Serial and parallel microprocessor bus for control

• Selectable asynch/synch with internal buffer/debuffer and scrambler/descrambler functions

• All synchronous (internal, external, slave) and Asynchronous Operating modes

• Adaptive equalization for optimum performance over all lines

• Programmable transmit attenuation (16 dB, 1 dB steps), and selectable receive boost (+18 dB)

• Call progress, carrier, answer tone, unscrambled mark, S1, and signal quality monitors

• DTMF, answer, calling, SCT and guard tone generators

• Test modes available: ALB, DL, RDL; Mark, Space and Alternating bit pattern generators

• CMOS technology for low power consumption (100 MW @ 5 V) with power-down mode (15 mW @ 5V)

• 4-wire full duplex operation in all modes



 




Similar Part No. - 73K324L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
73K324L ETC-73K324L Datasheet
183Kb / 31P
CCITT V.22bis, V.22, V.21, V.23, Bell 212A Single-Chip Modem
logo
TDK Electronics
73K324L TDK-73K324L Datasheet
273Kb / 26P
V.22, V.21, Bell 212A, Bell 103 Single-Chip Modem with Integrated Hybrid
logo
List of Unclassifed Man...
73K324L-28IH ETC-73K324L-28IH Datasheet
183Kb / 31P
CCITT V.22bis, V.22, V.21, V.23, Bell 212A Single-Chip Modem
73K324L-IGT ETC-73K324L-IGT Datasheet
183Kb / 31P
CCITT V.22bis, V.22, V.21, V.23, Bell 212A Single-Chip Modem
73K324L-IP ETC-73K324L-IP Datasheet
183Kb / 31P
CCITT V.22bis, V.22, V.21, V.23, Bell 212A Single-Chip Modem
More results


Similar Description - 73K324L

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
73K222AU TDK-73K222AU Datasheet
728Kb / 40P
Single-Chip Modem Modem with UART
logo
List of Unclassifed Man...
73M2921 ETC-73M2921 Datasheet
222Kb / 41P
Advanced Single Chip Modem
logo
TDK Electronics
73K302L TDK-73K302L Datasheet
282Kb / 29P
Single-Chip Modem
73M2901 TDK-73M2901 Datasheet
316Kb / 17P
Advanced Single Chip Modem
logo
Teridian Semiconductor ...
73K222AL TERIDIAN-73K222AL Datasheet
277Kb / 27P
Single-Chip Modem
73K222BL TERIDIAN-73K222BL Datasheet
173Kb / 26P
Single-Chip Modem
73K224L TERIDIAN-73K224L Datasheet
248Kb / 31P
Single-Chip Modem
73M2901CE TERIDIAN-73M2901CE Datasheet
277Kb / 22P
Single Chip Modem
logo
Motorola, Inc
MC145444 MOTOROLA-MC145444 Datasheet
165Kb / 12P
Single-Chip 300-Baud Modem
logo
Teridian Semiconductor ...
73M2901CE TERIDIAN-73M2901CE_V01 Datasheet
525Kb / 27P
V.22bis Single Chip Modem
January 2010
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com