Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

73S1210F-68IMR/F/P Datasheet (PDF) - Teridian Semiconductor Corporation

73S1210F-68IMR/F/P Datasheet PDF - Teridian Semiconductor Corporation
Part # 73S1210F-68IMR/F/P
Download  73S1210F-68IMR/F/P Download
File Size   1238.13 Kbytes
Page   126 Pages
Manufacturer  TERIDIAN [Teridian Semiconductor Corporation]
Direct Link  http://www.teridian.com
Logo TERIDIAN - Teridian Semiconductor Corporation
Description Self-Contained Smart Card Reader with PINpad and Power Management

73S1210F-68IMR/F/P Datasheet (PDF)

Go To PDF Page Download Datasheet
73S1210F-68IMR/F/P Datasheet PDF - Teridian Semiconductor Corporation

Part # 73S1210F-68IMR/F/P
Download  73S1210F-68IMR/F/P Click to download

File Size   1238.13 Kbytes
Page   126 Pages
Manufacturer  TERIDIAN [Teridian Semiconductor Corporation]
Direct Link  http://www.teridian.com
Logo TERIDIAN - Teridian Semiconductor Corporation
Description Self-Contained Smart Card Reader with PINpad and Power Management

73S1210F-68IMR/F/P Datasheet (HTML) - Teridian Semiconductor Corporation


73S1210F-68IMR/F/P Product details

GENERAL DESCRIPTION
The 73S1210F is a versatile and economical CMOS System-on-Chip device intended for smart card reader applications. The circuit is built around an 80515 highperformance core; it features primarily an ISO-7816 / EMV interface and a generic asynchronous serial interface. Delivered with turnkey Teridian embedded firmware, it forms a ready-to-use smart card reader solution that can be seamlessly incorporated into any microprocessor-based system where a serial line is available.

ADVANTAGES
• Reduced BOM
• Versatile power supply options
    o 2.7V to 6.5V ranges
• Higher performance CPU core (up to 24MIPS)
• Built-in EMV/ISO slot, expandable to multi-slots
• Flexible power supply options
    o On-chip DC-DC converter
    o CMOS switches between supply inputs
• Sub-µA Power Down mode with ON/OFF switch
• Powerful In-Circuit Emulation and Programming
• A complete set of EMV4.1 / ISO7816 libraries
• Turnkey PC/SC firmware and host drivers
    o Multiple OS supported

APPLICATIONS
• PINpad smart card readers:
    o With serial connectivity
    o Ideal for low-cost POS Terminals and Digital Identification (Secure Login, Gov’t ID, ...)
• SIM Readers in Personal Wireless devices
• Payphones & Vending machines
• General purpose smart card readers




Similar Part No. - 73S1210F-68IMR/F/P

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
73S1210F MAXIM-73S1210F Datasheet
1Mb / 126P
Self-Contained Smart Card Reader with PINpad and Power Management
May 2009
More results


Similar Description - 73S1210F-68IMR/F/P

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT83C24 ATMEL-AT83C24 Datasheet
723Kb / 42P
Smart Card Reader Interface with Power Management
AT83C26 ATMEL-AT83C26 Datasheet
1Mb / 77P
SMART CARD READER INTERFACE WITH POWER MANAGEMENT
AT83C24B ATMEL-AT83C24B_05 Datasheet
813Kb / 42P
Smart Card Reader Interface with Power Management
AT83C26 ATMEL-AT83C26_07 Datasheet
737Kb / 77P
Multiple Smart Card Reader Interface With Power Management
AT83C24B ATMEL-AT83C24B_07 Datasheet
457Kb / 42P
Smart Card Reader Interface with Power Management
logo
Teridian Semiconductor ...
73S1209F TERIDIAN-73S1209F Datasheet
1Mb / 123P
Self-Contained PINpad, Smart Card Reader IC UART to ISO7816 / EMV Bridge IC
logo
M.S. Kennedy Corporatio...
MSK4323 MSK-MSK4323_15 Datasheet
146Kb / 6P
Self-Contained, Smart Lowside/Highside Drive Circuitry
MSK4454 MSK-MSK4454_15 Datasheet
129Kb / 6P
Self-Contained, Smart Lowside/Highside Drive Circuitry
logo
Maxim Integrated Produc...
73S1210F MAXIM-73S1210F Datasheet
1Mb / 126P
Self-Contained Smart Card Reader with PINpad and Power Management
May 2009
73S1209F MAXIM-73S1209F Datasheet
1Mb / 123P
Self-Contained PINpad, Smart Card Reader IC UART to ISO7816 / EMV Bridge IC
December 2008
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com