Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

78P2351R Datasheet (PDF) - Teridian Semiconductor Corporation

78P2351R Datasheet PDF - Teridian Semiconductor Corporation
Part # 78P2351R
Download  78P2351R Download
File Size   578.76 Kbytes
Page   31 Pages
Manufacturer  TERIDIAN [Teridian Semiconductor Corporation]
Direct Link  http://www.teridian.com
Logo TERIDIAN - Teridian Semiconductor Corporation
Description Serial 155M NRZ to CMI Converter

78P2351R Datasheet (PDF)

Go To PDF Page Download Datasheet
78P2351R Datasheet PDF - Teridian Semiconductor Corporation

Part # 78P2351R
Download  78P2351R Click to download

File Size   578.76 Kbytes
Page   31 Pages
Manufacturer  TERIDIAN [Teridian Semiconductor Corporation]
Direct Link  http://www.teridian.com
Logo TERIDIAN - Teridian Semiconductor Corporation
Description Serial 155M NRZ to CMI Converter

78P2351R Datasheet (HTML) - Teridian Semiconductor Corporation


78P2351R Product details

DESCRIPTION

The 78P2351R is Teridian’s second generation Line Interface Unit (LIU) for 155 Mbit/s electrical SDH interfaces (STM1e). The device is a single chip solution that includes an integrated Clock & Data Recovery in both the transmit and receive paths for easy, cost efficient NRZ to CMI conversion.

The device interfaces to 75Ω coaxial cable through wideband transformers and can handle over 12.7dB of cable loss. By eliminating the needs for synchronous clocks, the small 78P2351R (7x7mm MLF package) is ideal for new STM1e (ES1) Small Form-factor Pluggable (SFP) transceiver modules.



FEATURES

• ITU-T G.703 compliant, adjustable cable driver for 155.52 Mbps CMI-coded coax transmission

• Integrated adaptive CMI equalizer and CDR in receive path handles over 12.7dB of cable loss

• LVPECL-compatible system interface with integrated CDR in transmit path for flexible NRZ to CMI conversion

• Configurable via HW control pins or 4-wire serial port interface

• Compliant with ANSI T1.105.03-1994; ITU-T G.813, G.825, G.958; and Telcordia GR-253-CORE for jitter performance

• Receive Loss of Signal (Rx LOS) detection

• Receive Monitor Mode handles up to 20dB of flat loss (at max 6dB cable loss)

• Optional fixed backplane equalizer compensates for up to 1.5m of trace

• Operates from a single 3.3V supply

• Available in a small 7x7mm 56-pin QFN package

• Industrial Temperature: -40˚C to +85˚C



APPLICATIONS

• STM1e SFP modules

• SDH/ATM Line Cards

• Add Drop Multiplexers (ADMs)

• PDH/SDH Test Equipment

• Digital Microwave Radios

• Multi-Service Switches



 




Similar Part No. - 78P2351R

ManufacturerPart #DatasheetDescription
logo
Teridian Semiconductor ...
78P2351 TERIDIAN-78P2351 Datasheet
742Kb / 42P
Single Channel OC-3/ STM1-E/ E4 LIU
78P2351-IGT TERIDIAN-78P2351-IGT Datasheet
742Kb / 42P
Single Channel OC-3/ STM1-E/ E4 LIU
78P2351-IGT/F TERIDIAN-78P2351-IGT/F Datasheet
742Kb / 42P
Single Channel OC-3/ STM1-E/ E4 LIU
78P2351-IGTR TERIDIAN-78P2351-IGTR Datasheet
742Kb / 42P
Single Channel OC-3/ STM1-E/ E4 LIU
More results


Similar Description - 78P2351R

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100SX1230 ONSEMI-MC100SX1230 Datasheet
124Kb / 8P
CMI CODER/DECODER
1994 REV 0
logo
Asahi Kasei Microsystem...
AK2048D AKM-AK2048D Datasheet
88Kb / 16P
2M CMI Transceiver
logo
Allegro MicroSystems
PG001M ALLEGRO-PG001M Datasheet
179Kb / 12P
PARALLEL-TO-SERIAL DATA CONVERTER
logo
Micrel Semiconductor
SY10E445 MICREL-SY10E445 Datasheet
92Kb / 8P
4-BIT SERIAL-to-PARALLEL CONVERTER
logo
List of Unclassifed Man...
FTM-8001C-S ETC-FTM-8001C-S Datasheet
251Kb / 9P
155M 850nm SFP Transceiver
logo
New Japan Radio
NJU3754 NJRC-NJU3754 Datasheet
99Kb / 6P
11-BIT PARALLEL TO SERIAL CONVERTER
logo
Hittite Microwave Corpo...
HMC706LC3C HITTITE-HMC706LC3C Datasheet
530Kb / 8P
13 Gbps, NRZ-to-RZ CONVERTER, 3.3V SUPPLY
logo
Supertex, Inc
HV507PG-G SUTEX-HV507PG-G Datasheet
471Kb / 6P
64-Channel Serial to Parallel Converter 64-Channel Serial to Parallel Converter
logo
Taiwan Memory Technolog...
I7230N TMT-I7230N Datasheet
85Kb / 1P
i7230N 155M to 4.25Gbps LD Driver
logo
Analog Devices
HMC706LC3C AD-HMC706LC3C Datasheet
389Kb / 8P
NRZ-to-RZ data type conversion
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com