Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEX8114RDK-F Datasheet (PDF) - PLX Technology

PEX8114RDK-F Datasheet PDF - PLX Technology
Part # PEX8114RDK-F
Download  PEX8114RDK-F Download
File Size   1362.21 Kbytes
Page   4 Pages
Manufacturer  PLX [PLX Technology]
Direct Link  http://www.plxtech.com
Logo PLX - PLX Technology
Description PCI Express-to-PCI/PCI-X Bridge

PEX8114RDK-F Datasheet (PDF)

Go To PDF Page Download Datasheet
PEX8114RDK-F Datasheet PDF - PLX Technology

Part # PEX8114RDK-F
Download  PEX8114RDK-F Click to download

File Size   1362.21 Kbytes
Page   4 Pages
Manufacturer  PLX [PLX Technology]
Direct Link  http://www.plxtech.com
Logo PLX - PLX Technology
Description PCI Express-to-PCI/PCI-X Bridge

PEX8114RDK-F Datasheet (HTML) - PLX Technology


PEX8114RDK-F Product details

Flexible, High-Performance Bridge in a Small Package

The PLX Technology ExpressLane™ PEX 8114 is a high performance bridge that enables designers to migrate legacy PCI and PCI-X bus interfaces to the new advanced serial PCI Express™ interface. This flexible device supports forward and reverse transparent bridging.

The bridge is equipped with a standard, but flexible PCI Express port that scales to x1, x2 or x4 lanes with a maximum of 1 Gigabyte per second of throughput per transmit and receive direction. With four 2.5 Gbps integrated SerDes, the standard PCI Express signaling delivers the highest bandwidth with the lowest possible pin count using LVDS technology.



Features

General Features

o Forward and Reverse bridging

o Reverse bridging root functions

o Transparent bridging

o Standard 256 Plastic BGA package (17mm x 17mm)

o Leaded and lead-free ROHS versions available

o Low power – 2W

o No heat sink required

o EEPROM configuration option

o 1.0 V core supply voltage

o DC and AC JTAG (1149.1 and 1149.6)

Scalable PCI Express Interface

o x4 Link (configurable as x1, x2 or x4)

o Full-duplex PCI Express lanes; 2.5 Gbps each

o Automatic lane reversal

o 8b/10b encoding

o Link training (auto-negotiate to smallest link width)

o 256 byte maximum payload size

o PCI Express Base specification 1.0a compliant

o End-to-end CRC and data poisoning

o Advanced error reporting

o Link and device power management

o Advanced flow control

o Hot Plug

o Turn off unused lanes for power reduction

Advanced PCI-X Interface

o PCI-X (v 1.0b): 64 bits at 133, 100 or 66 MHz

o PCI 3.0: 32 or 64 bits at 66, 50, 33 or 25 MHz

o 8-outstanding split transactions

o Internal arbiter supports up to 4 external masters

o 3.3V I/O

o Message Signal Interrupt (MSI) support

o Provides up to four PCI/PCI-X clocks

o Scratchpad and doorbell registers




Similar Part No. - PEX8114RDK-F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PEX8114 ETC1-PEX8114 Datasheet
1Mb / 4P
ExpressLane??PCI Express-to-PCI/PCI-X Bridge
logo
AVAGO TECHNOLOGIES LIMI...
PEX8114 AVAGO-PEX8114 Datasheet
1Mb / 4P
PCI Express-to-PCI/PCI-X Bridge
logo
List of Unclassifed Man...
PEX8114-AA13BI ETC1-PEX8114-AA13BI Datasheet
1Mb / 4P
ExpressLane??PCI Express-to-PCI/PCI-X Bridge
More results


Similar Description - PEX8114RDK-F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PEX8111 ETC1-PEX8111 Datasheet
231Kb / 2P
PCI Express to PCI Bridge
PEX8114 ETC1-PEX8114 Datasheet
1Mb / 4P
ExpressLane??PCI Express-to-PCI/PCI-X Bridge
logo
Texas Instruments
XIO2000A TI-XIO2000A Datasheet
1Mb / 155P
PCI Express to PCI Bus Translation Bridge
logo
Pericom Semiconductor C...
PI7C9X130 PERICOM-PI7C9X130 Datasheet
1Mb / 157P
PCI Express to PCI-X Reversible Bridge
logo
PLX Technology
PEX8112 PLX-PEX8112 Datasheet
112Kb / 2P
ExpressLane??PCI Express to PCI Bridge
logo
Pericom Semiconductor C...
PI7C9X110 PERICOM-PI7C9X110 Datasheet
936Kb / 145P
PCI Express-to-PCI Reversible Bridge
logo
PLX Technology
PEX8111 PLX-PEX8111 Datasheet
122Kb / 2P
PCI Express to PCI Bridge
logo
Pericom Semiconductor C...
PI7C9X111SLBFDE PERICOM-PI7C9X111SLBFDE Datasheet
499Kb / 78P
PCI Express-to-PCI Reversible Bridge
logo
AVAGO TECHNOLOGIES LIMI...
PEX8114 AVAGO-PEX8114 Datasheet
1Mb / 4P
PCI Express-to-PCI/PCI-X Bridge
logo
Broadcom Corporation.
PEX8112 BOARDCOM-PEX8112 Datasheet
183Kb / 2P
ExpressLane??PCI Express to PCI Bridge
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com