Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEX8111-BB66BC Datasheet (PDF) - PLX Technology

PEX8111-BB66BC Datasheet PDF - PLX Technology
Part # PEX8111-BB66BC
Download  PEX8111-BB66BC Download
File Size   122.27 Kbytes
Page   2 Pages
Manufacturer  PLX [PLX Technology]
Direct Link  http://www.plxtech.com
Logo PLX - PLX Technology
Description PCI Express to PCI Bridge

PEX8111-BB66BC Datasheet (PDF)

Go To PDF Page Download Datasheet
PEX8111-BB66BC Datasheet PDF - PLX Technology

Part # PEX8111-BB66BC
Download  PEX8111-BB66BC Click to download

File Size   122.27 Kbytes
Page   2 Pages
Manufacturer  PLX [PLX Technology]
Direct Link  http://www.plxtech.com
Logo PLX - PLX Technology
Description PCI Express to PCI Bridge

PEX8111-BB66BC Datasheet (HTML) - PLX Technology


PEX8111-BB66BC Product details

ExpressLane™ PCI Express to PCI Bridge



Features

General Features

  o Forward and Reverse bridging

  o 144-ball BGA package with standard 1.0 mm pitch (13mm x 13mm)

  o Alternative fine-pitch BGA package(10mm x 10mm)

  o Low power – 400 milliwatts

  o EEPROM configuration option with SPI

  o Internal 8Kbyte shared RAM

  o 1.5 V core supply voltage

  o JTAG

  o Four (4) GPIO pins for maximum design flexibility

  o Extensive PME support including D0 and D0Active, D1, D2 and D3 Hot and D3 Cold

  o Lead-free packaging available ƒ Integrated PCI Express Interface

  o PCI Express Base 1.0a compliant

  o x1 Link, dual-simplex, 2.5 Gbps per direction

  o One virtual channel

  o Automatic LVDS polarity reversal

  o 128 byte maximum payload size

  o Link CRC

  o Link power management

  o Flow control buffering

  o PCI Express transaction queues for eight (8) outstanding TLPs

PCI Interface

  o PCI v.3.0: 32 bits, up to 66 MHz

  o PCI Power Management 1.1

  o Internal arbiter supports up to 4 external masters; REQ#/GNT# signals

  o 3.3V I/O and 5V tolerant PCI

  o Message Signal Interrupt (MSI) support

  o Provides PCI clock output

  o Four mailbox registers for messaging

  o VGA and ISA Enable registers for legacy operation




Similar Part No. - PEX8111-BB66BC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PEX8111-AA33BC ETC1-PEX8111-AA33BC Datasheet
231Kb / 2P
PCI Express to PCI Bridge
More results


Similar Description - PEX8111-BB66BC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PEX8111 ETC1-PEX8111 Datasheet
231Kb / 2P
PCI Express to PCI Bridge
PEX8114 ETC1-PEX8114 Datasheet
1Mb / 4P
ExpressLane??PCI Express-to-PCI/PCI-X Bridge
logo
Texas Instruments
XIO2000A TI-XIO2000A Datasheet
1Mb / 155P
PCI Express to PCI Bus Translation Bridge
logo
Pericom Semiconductor C...
PI7C9X130 PERICOM-PI7C9X130 Datasheet
1Mb / 157P
PCI Express to PCI-X Reversible Bridge
logo
PLX Technology
PEX8112 PLX-PEX8112 Datasheet
112Kb / 2P
ExpressLane??PCI Express to PCI Bridge
logo
Pericom Semiconductor C...
PI7C9X110 PERICOM-PI7C9X110 Datasheet
936Kb / 145P
PCI Express-to-PCI Reversible Bridge
logo
PLX Technology
PEX8114 PLX-PEX8114 Datasheet
1Mb / 4P
PCI Express-to-PCI/PCI-X Bridge
logo
Pericom Semiconductor C...
PI7C9X111SLBFDE PERICOM-PI7C9X111SLBFDE Datasheet
499Kb / 78P
PCI Express-to-PCI Reversible Bridge
logo
AVAGO TECHNOLOGIES LIMI...
PEX8114 AVAGO-PEX8114 Datasheet
1Mb / 4P
PCI Express-to-PCI/PCI-X Bridge
logo
Broadcom Corporation.
PEX8112 BOARDCOM-PEX8112 Datasheet
183Kb / 2P
ExpressLane??PCI Express to PCI Bridge
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com