Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC74VHCT74AFT Datasheet (PDF) - Toshiba Semiconductor

TC74VHCT74AFT Datasheet PDF - Toshiba Semiconductor
Part # TC74VHCT74AFT
Download  TC74VHCT74AFT Download
File Size   221.25 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description DUAL D-TYPE FLIP-FLOP WITH PRESET AND CLEAR

TC74VHCT74AFT Datasheet (PDF)

Go To PDF Page Download Datasheet
TC74VHCT74AFT Datasheet PDF - Toshiba Semiconductor

Part # TC74VHCT74AFT
Download  TC74VHCT74AFT Click to download

File Size   221.25 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description DUAL D-TYPE FLIP-FLOP WITH PRESET AND CLEAR

TC74VHCT74AFT Datasheet (HTML) - Toshiba Semiconductor


TC74VHCT74AFT Product details

Dual D-Type Flip-Flop with Preset and Clear

The TC74VHCT74 is an advanced high speed CMOS D-FLIP FLOP fabricated with silicon gate C2MOS technology. It achieves the high speed operation similar to equivalent Bipolar Schottky TTL while maintaining the CMOS low power dissipation.

Features
• High speed: fmax = 160 MHz (typ.) at VCC = 5 V
• Low power dissipation: ICC = 2 μA (max) at Ta = 25°C
• Compatible with TTL outputs: VIL = 0.8 V (max)
                                                  VIH = 2.0 V (min)
• Power down protection is provided on all inputs and outputs
• Balanced propagation delays: tpLH ∼ − tpHL
• Pin and function compatible with the 74 series
   (74AC/HC/F/ALS/LS etc.) 74 type.




Similar Part No. - TC74VHCT74AFT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VHCT74AFT TOSHIBA-TC74VHCT74AFT Datasheet
223Kb / 8P
Dual D-Type Flip-Flop with Preset and Clear
More results


Similar Description - TC74VHCT74AFT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74VHCT74A STMICROELECTRONICS-74VHCT74A Datasheet
73Kb / 10P
DUAL D-TYPE FLIP FLOP WITH PRESET AND CLEAR
Mar-2000
logo
Toshiba Semiconductor
TC74HCT74AP TOSHIBA-TC74HCT74AP Datasheet
242Kb / 6P
DUAL D-TYPE FLIP FLOP WITH PRESET AND CLEAR
logo
Fairchild Semiconductor
74VHC74 FAIRCHILD-74VHC74 Datasheet
104Kb / 8P
Dual D-Type Flip-Flop with Preset and Clear
74VHCT74A FAIRCHILD-74VHCT74A_99 Datasheet
82Kb / 6P
Dual D-Type Flip-Flop with Preset and Clear
logo
STMicroelectronics
74VHCT74A STMICROELECTRONICS-74VHCT74A_04 Datasheet
423Kb / 14P
DUAL D-TYPE FLIP FLOP WITH PRESET AND CLEAR
16-Dec-2004
logo
Toshiba Semiconductor
TC74VHC74F TOSHIBA-TC74VHC74F_12 Datasheet
220Kb / 9P
Dual D-Type Flip-Flop with Preset and Clear
logo
Fairchild Semiconductor
74VHC74 FAIRCHILD-74VHC74_08 Datasheet
304Kb / 10P
Dual D-Type Flip-Flop with Preset and Clear
74VHC74MTCX FAIRCHILD-74VHC74MTCX Datasheet
304Kb / 10P
Dual D-Type Flip-Flop with Preset and Clear
logo
ON Semiconductor
74VHC74 ONSEMI-74VHC74 Datasheet
465Kb / 6P
Dual D-Type Flip-Flop with Preset and Clear
August-2017, Rev. 2
74VHCT74A ONSEMI-74VHCT74A Datasheet
279Kb / 9P
Dual D-Type Flip-Flop with Preset and Clear
May 2008 Rev. 1.4.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com