Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC7MBD3245FK Datasheet (PDF) - Toshiba Semiconductor

TC7MBD3245FK Datasheet PDF - Toshiba Semiconductor
Part # TC7MBD3245FK
Download  TC7MBD3245FK Download
File Size   220.71 Kbytes
Page   7 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description OCTAL BUS SWITCH

TC7MBD3245FK Datasheet (PDF)

Go To PDF Page Download Datasheet
TC7MBD3245FK Datasheet PDF - Toshiba Semiconductor

Part # TC7MBD3245FK
Download  TC7MBD3245FK Click to download

File Size   220.71 Kbytes
Page   7 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description OCTAL BUS SWITCH

TC7MBD3245FK Datasheet (HTML) - Toshiba Semiconductor


TC7MBD3245FK Product details

The TC7MBD3245FK provides eight bits of high-speed TTL-compatible bus switching in a standard ’245 device pinout. The low on-state resistance of the switch allows connections to be made with minimal propagation delay. The device is organized as one 8-bit switch. When output enable ( OE ) is low, the switch is on and port A is connected to port B. When OE is high, the switch is open and a high-impedance state exists between the two ports. The internal diode which adds to power supply line is enable to realize the shift of signal level from 5 V to 3.3 V. All inputs are equipped with protection circuits against static discharge.



Features

• Operating voltage: VCC = 4.5~5.5 V

• High speed: tpd = 0.25 ns (max)

• Low on resistance: RON = 5 Ω (typ.)

• ESD performance: Human body model > ±2000 V

                          Machine model > ±200 V

• Compatible with TTL outputs (control inputs)

• Package: VSSOP (US20)

• Pin compatible with the 74xx245 type. Functionally equivalent to (FST/CBT) 3245.




Similar Part No. - TC7MBD3245FK

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7MBD3245AFK TOSHIBA-TC7MBD3245AFK Datasheet
105Kb / 7P
Octal Bus Switch
TC7MBD3245AFK TOSHIBA-TC7MBD3245AFK Datasheet
178Kb / 7P
Octal Bus Switch
TC7MBD3245AFK TOSHIBA-TC7MBD3245AFK_07 Datasheet
178Kb / 7P
Octal Bus Switch
More results


Similar Description - TC7MBD3245FK

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7MB3245FK TOSHIBA-TC7MB3245FK Datasheet
189Kb / 5P
OCTAL BUS SWITCH
TC7MBD3244FK TOSHIBA-TC7MBD3244FK Datasheet
226Kb / 7P
OCTAL BUS SWITCH
logo
Fairchild Semiconductor
FST3244 FAIRCHILD-FST3244 Datasheet
111Kb / 5P
Octal Bus Switch
FST3245 FAIRCHILD-FST3245 Datasheet
110Kb / 6P
Octal Bus Switch
logo
Toshiba Semiconductor
TC7MBD3245AFK TOSHIBA-TC7MBD3245AFK Datasheet
105Kb / 7P
Octal Bus Switch
TC7MB3244FK TOSHIBA-TC7MB3244FK_07 Datasheet
166Kb / 6P
Octal Bus Switch
TC7MBD3244AFK TOSHIBA-TC7MBD3244AFK Datasheet
197Kb / 7P
Octal Bus Switch
TC7MBD3245AFK TOSHIBA-TC7MBD3245AFK_07 Datasheet
178Kb / 7P
Octal Bus Switch
logo
NXP Semiconductors
CBT3245A PHILIPS-CBT3245A_15 Datasheet
383Kb / 16P
Octal bus switch
Rev. 3-5 January 2012
logo
Nexperia B.V. All right...
CBT3245A-Q100 NEXPERIA-CBT3245A-Q100 Datasheet
222Kb / 12P
Octal bus switch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com