Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

150U Datasheet (PDF) - Naina Semiconductor ltd.

150U Datasheet PDF - Naina Semiconductor ltd.
Part # 150U
Download  150U Download
File Size   87.34 Kbytes
Page   1 Pages
Manufacturer  NAINA [Naina Semiconductor ltd.]
Direct Link  http://www.nainasemi.com
Logo NAINA - Naina Semiconductor ltd.
Description SILICON POWER DIODE

150U Datasheet (PDF)

Go To PDF Page Download Datasheet
150U Datasheet PDF - Naina Semiconductor ltd.

Part # 150U
Download  150U Click to download

File Size   87.34 Kbytes
Page   1 Pages
Manufacturer  NAINA [Naina Semiconductor ltd.]
Direct Link  http://www.nainasemi.com
Logo NAINA - Naina Semiconductor ltd.
Description SILICON POWER DIODE

150U Datasheet (HTML) - Naina Semiconductor ltd.


150U Product details

FEATURES
• Diffused Series
• Available in Normal & Reverse Polarity
• Industrial Grade
• Available In Avalanche Characteristic




Similar Part No. - 150U

ManufacturerPart #DatasheetDescription
logo
Naina Semiconductor ltd...
150U10 NAINA-150U10 Datasheet
108Kb / 2P
Standard Recovery Diodes (Stud and Flat Base Type)
150U100 NAINA-150U100 Datasheet
108Kb / 2P
Standard Recovery Diodes (Stud and Flat Base Type)
logo
International Rectifier
150U100D IRF-150U100D Datasheet
87Kb / 6P
STANDARD RECOVERY DIODES
logo
Vishay Siliconix
150U100D VISHAY-150U100D Datasheet
99Kb / 6P
Standard Recovery Diodes (Stud Version), 150 A
21-May-08
150U100D VISHAY-150U100D Datasheet
115Kb / 7P
Standard Recovery Diodes (Stud Version), 150 A
21-May-08
More results


Similar Description - 150U

ManufacturerPart #DatasheetDescription
logo
Naina Semiconductor ltd...
70NS NAINA-70NS Datasheet
115Kb / 1P
SILICON POWER DIODE
150NS NAINA-150NS Datasheet
115Kb / 1P
SILICON POWER DIODE
85HF NAINA-85HF Datasheet
78Kb / 1P
SILICON POWER DIODE
70HF NAINA-70HF Datasheet
77Kb / 1P
SILICON POWER DIODE
25F NAINA-25F Datasheet
77Kb / 1P
SILICON POWER DIODE
1N3288 NAINA-1N3288 Datasheet
87Kb / 1P
SILICON POWER DIODE
logo
Powersem GmbH
PSM16 POWERSEM-PSM16 Datasheet
69Kb / 1P
Silicon Power Diode
PSM70 POWERSEM-PSM70 Datasheet
79Kb / 1P
Silicon Power Diode
PSM250 POWERSEM-PSM250 Datasheet
79Kb / 1P
Silicon Power Diode
logo
Meder Electronic
PSMPSMR70 MEDER-PSMPSMR70 Datasheet
146Kb / 1P
Silicon Power Diode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com