Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC7S00F Datasheet (PDF) - Toshiba Semiconductor

TC7S00F Datasheet PDF - Toshiba Semiconductor
Part # TC7S00F
Download  TC7S00F Download
File Size   229.78 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 2-INPUT NAND GATE

TC7S00F Datasheet (PDF)

Go To PDF Page Download Datasheet
TC7S00F Datasheet PDF - Toshiba Semiconductor

Part # TC7S00F
Download  TC7S00F Click to download

File Size   229.78 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 2-INPUT NAND GATE

TC7S00F Datasheet (HTML) - Toshiba Semiconductor


TC7S00F Product details

2-Input NAND Gate



Features

• High Speed : tpd = 7ns (Typ.) at VCC = 5 V

• Low power dissipation : ICC = 1 μA (Max) at Ta = 25°C

• High noise immunity : VNIH = VNIL = 28% VCC (min)

• Output drive capability : 5 LSTTL Loads

• Symmetrical Output Impedance : |IOH| = IOL= 2mA (min)

• Balanced propagation delays : tpLH ≒ tpHL

• Wide operating voltage range : VCC = 2 to 6 V



 




Similar Part No. - TC7S00F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7S00FU TOSHIBA-TC7S00FU_09 Datasheet
212Kb / 7P
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7S00F TOSHIBA-TC7S00F_09 Datasheet
212Kb / 7P
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
More results


Similar Description - TC7S00F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC4S11F TOSHIBA-TC4S11F Datasheet
166Kb / 4P
2 INPUT NAND GATE
TC7SET00F TOSHIBA-TC7SET00F Datasheet
165Kb / 5P
2-INPUT NAND GATE
TC7SZ00AFE TOSHIBA-TC7SZ00AFE Datasheet
150Kb / 4P
2 INPUT NAND GATE
logo
NXP Semiconductors
74AHC1G00 PHILIPS-74AHC1G00 Datasheet
74Kb / 16P
2-input NAND gate
2002 May 27
logo
Renesas Technology Corp
HD74HCT1G00 RENESAS-HD74HCT1G00 Datasheet
52Kb / 8P
2-input NAND Gate
RD74LVC1G00 RENESAS-RD74LVC1G00 Datasheet
1Mb / 7P
2-input NAND Gate
logo
Minilogic Device Corpor...
ML74UL00 MINILOGIC-ML74UL00 Datasheet
122Kb / 3P
2-input NAND Gate
logo
NXP Semiconductors
74AHC1G00 NXP-74AHC1G00 Datasheet
77Kb / 11P
2-input NAND gate
Rev. 06-30 May 2007
logo
Unisonic Technologies
U74HC2G00 UTC-U74HC2G00 Datasheet
129Kb / 5P
2-INPUT NAND GATE
logo
Nexperia B.V. All right...
74HC1G00-Q100 NEXPERIA-74HC1G00-Q100 Datasheet
677Kb / 12P
2-input NAND gate
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com