Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC7S04F Datasheet (PDF) - Toshiba Semiconductor

TC7S04F Datasheet PDF - Toshiba Semiconductor
Part # TC7S04F
Download  TC7S04F Download
File Size   211.42 Kbytes
Page   5 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description INVERTER

TC7S04F Datasheet (PDF)

Go To PDF Page Download Datasheet
TC7S04F Datasheet PDF - Toshiba Semiconductor

Part # TC7S04F
Download  TC7S04F Click to download

File Size   211.42 Kbytes
Page   5 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description INVERTER

TC7S04F Datasheet (HTML) - Toshiba Semiconductor


TC7S04F Product details

The TC7S04 is a high speed C2MOS Inverter fabricated with silicon gate C2MOS technology. It achieves high speed operation similar to equivalent LSTTL while maintaining the C2 MOS low power dissipation. The internal circuit is composedof 3 stages including buffer output, which enables high noise immunity and stable output. The input is equipped with protection circuits against static discharge or transient excess voltage. Output currents are 1/2 compared to TC74HC series models.





Features

•  High speed: tpd =7 ns (typ.) at VCC =5 V

•  Low power dissipation: ICC =1 μA (max) at Ta =25°C

•  High noise immunity: VNIH =VNIL =28% VCC(min)

•  Output drive capability: 5 LSTTL loads

•  Symmetrical output impedance: |IOH| =IOL =2 mA (min)

•  Balanced propagation delays: tpLH∼  − tpHL

•  Wide operating voltage range: VCC(opr) =2 to 6 V




Similar Part No. - TC7S04F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7S04F TOSHIBA-TC7S04F Datasheet
229Kb / 6P
INVERTER
TC7S04F TOSHIBA-TC7S04F Datasheet
183Kb / 7P
CMOS Digital Integrated Circuit Silicon Monolithic
TC7S04FTE85LF TOSHIBA-TC7S04FTE85LF Datasheet
183Kb / 7P
Inverter
TC7S04FU TOSHIBA-TC7S04FU Datasheet
229Kb / 6P
INVERTER
TC7S04FU TOSHIBA-TC7S04FU Datasheet
183Kb / 7P
CMOS Digital Integrated Circuit Silicon Monolithic
More results


Similar Description - TC7S04F

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1GU04 PHILIPS-74LVC1GU04 Datasheet
96Kb / 15P
Inverter
2004 Sep 21
logo
Sumida Corporation
CIUH7D45 SUMIDA-CIUH7D45 Datasheet
160Kb / 1P
INVERTER
logo
Toshiba Semiconductor
TC7SU04F TOSHIBA-TC7SU04F_01 Datasheet
225Kb / 6P
INVERTER
TC7SZ04AFE TOSHIBA-TC7SZ04AFE_07 Datasheet
153Kb / 5P
Inverter
TC7S04F TOSHIBA-TC7S04F_01 Datasheet
229Kb / 6P
INVERTER
TC7SZ04AFS TOSHIBA-TC7SZ04AFS Datasheet
166Kb / 6P
INVERTER
logo
NXP Semiconductors
74HC3G04 NXP-74HC3G04 Datasheet
91Kb / 13P
Inverter
Rev. 03-2 July 2008
logo
Toshiba Semiconductor
TC7S04FTE85LF TOSHIBA-TC7S04FTE85LF Datasheet
183Kb / 7P
Inverter
logo
Unisonic Technologies
U74AHCT3G04 UTC-U74AHCT3G04 Datasheet
193Kb / 5P
INVERTER
logo
Renesas Technology Corp
RJP1CS04DWA RENESAS-RJP1CS04DWA_15 Datasheet
114Kb / 4P
Inverter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com