Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC7S14FU Datasheet (PDF) - Toshiba Semiconductor

TC7S14FU Datasheet PDF - Toshiba Semiconductor
Part # TC7S14FU
Download  TC7S14FU Download
File Size   203.56 Kbytes
Page   5 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description SCHMITT INVERTER

TC7S14FU Datasheet (PDF)

Go To PDF Page Download Datasheet
TC7S14FU Datasheet PDF - Toshiba Semiconductor

Part # TC7S14FU
Download  TC7S14FU Click to download

File Size   203.56 Kbytes
Page   5 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description SCHMITT INVERTER

TC7S14FU Datasheet (HTML) - Toshiba Semiconductor


TC7S14FU Product details

The TC7S14 is a high speed C2MOS Schmitt Inverter fabricated with silicon gate C2MOS technology. It achieves a high speed operation similar to equivalent LSTTL while maintaining the C2MOS low power dissipation. Pin Configuration and function are the same as the TC7SU04F but input have 25% VCC hysteresis and with its schmitt trigger function, the TC7S14F can be used as line receivers which will receive slow input signal.

Input is equipped with protection circuits against static discharge or transient excess voltage. Output currents are 1/2 compared to TC74HC series models.



Features

• High speed: tpd = 11 ns (typ.) at VCC = 5 V

• Low power dissipation: ICC = 1 μA (max) at Ta = 25°C

• High noise immunity: VH = 1.1 V at VCC = 5 V

• Output drive capability: 5 LSTTL loads

• Symmetrical output impedance: |IOH| = IOL = 2 mA (min)

• Balanced propagation delays: tpLH ∼ − tpHL

• Wide operating voltage range: VCC (opr) = 2 to 6 V




Similar Part No. - TC7S14FU

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7S14FU TOSHIBA-TC7S14FU Datasheet
221Kb / 6P
SCHMITT INVERTER
TC7S14FUTE85LF TOSHIBA-TC7S14FUTE85LF Datasheet
209Kb / 6P
SCHMITT INVERTER
More results


Similar Description - TC7S14FU

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74AC14 MOTOROLA-MC74AC14 Datasheet
128Kb / 5P
HEX INVERTER SCHMITT HEX INVERTER SCHMITT TRIGGER
logo
Toshiba Semiconductor
TC7SH14F TOSHIBA-TC7SH14F Datasheet
201Kb / 5P
SCHMITT INVERTER
TC7SG14AFS TOSHIBA-TC7SG14AFS Datasheet
156Kb / 6P
Schmitt Inverter
TC7SZ14F TOSHIBA-TC7SZ14F_07 Datasheet
169Kb / 6P
Schmitt Inverter
TC7W14F TOSHIBA-TC7W14F_01 Datasheet
238Kb / 8P
SCHMITT INVERTER
TC7SZ14F TOSHIBA-TC7SZ14F_09 Datasheet
169Kb / 6P
Schmitt Inverter
TC7SZ14AFS TOSHIBA-TC7SZ14AFS_1 Datasheet
208Kb / 6P
Schmitt Inverter
TC7S14FUTE85LF TOSHIBA-TC7S14FUTE85LF Datasheet
209Kb / 6P
SCHMITT INVERTER
TC7W14FUTE12LF TOSHIBA-TC7W14FUTE12LF Datasheet
159Kb / 7P
Schmitt Inverter
logo
ELM Electronics
ELM7S14B ELM-ELM7S14B Datasheet
328Kb / 3P
Schmitt Inverter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com