Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC7S86FU Datasheet (PDF) - Toshiba Semiconductor

TC7S86FU Datasheet PDF - Toshiba Semiconductor
Part # TC7S86FU
Download  TC7S86FU Download
File Size   201.12 Kbytes
Page   5 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description EXCLUSIVE OR GATE

TC7S86FU Datasheet (PDF)

Go To PDF Page Download Datasheet
TC7S86FU Datasheet PDF - Toshiba Semiconductor

Part # TC7S86FU
Download  TC7S86FU Click to download

File Size   201.12 Kbytes
Page   5 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description EXCLUSIVE OR GATE

TC7S86FU Datasheet (HTML) - Toshiba Semiconductor


TC7S86FU Product details

EXCLUSIVE OR Gate
Features
• High Speed : tpd =10ns (Typ.) at VCC= 5 V
• Low power dissipation : ICC= 1 μA (Max) at Ta = 25°C
• High noise immunity : VNIH= VNIL= 28% VCC (Min)
• Output drive capability : 5 LSTTL Loads
• Symmetrical Output Impedance : |IOH| = IOL= 2mA (Min)
• Balanced propagation delays : tpLH ≒ tpHL
• Wide operating voltage range : VCC = 2 to 6 V
Marking : E8




Similar Part No. - TC7S86FU

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7S86FU TOSHIBA-TC7S86FU_09 Datasheet
202Kb / 7P
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
More results


Similar Description - TC7S86FU

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC4S30F TOSHIBA-TC4S30F Datasheet
171Kb / 4P
EXCLUSIVE-OR GATE
TC7SET86F TOSHIBA-TC7SET86F Datasheet
171Kb / 5P
EXCLUSIVE OR GATE
TC7SH86F TOSHIBA-TC7SH86F Datasheet
198Kb / 5P
EXCLUSIVE OR GATE
TC7SG86AFS TOSHIBA-TC7SG86AFS Datasheet
176Kb / 6P
EXCLUSIVE OR GATE
TC7SG86FE TOSHIBA-TC7SG86FE Datasheet
147Kb / 6P
EXCLUSIVE OR Gate
TC7SG86FU TOSHIBA-TC7SG86FU Datasheet
152Kb / 6P
EXCLUSIVE OR Gate
TC7SH86FE TOSHIBA-TC7SH86FE Datasheet
149Kb / 5P
Exclusive OR Gate
TC7SH86FS TOSHIBA-TC7SH86FS Datasheet
175Kb / 6P
EXCLUSIVE OR GATE
TC4S30F TOSHIBA-TC4S30F_01 Datasheet
193Kb / 5P
EXCLUSIVE-OR GATE
TC4S30F TOSHIBA-TC4S30F_08 Datasheet
245Kb / 5P
EXCLUSIVE-OR GATE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com