Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA3202EGR2 Datasheet (PDF) - Freescale Semiconductor, Inc

MMA3202EGR2 Datasheet PDF - Freescale Semiconductor, Inc
Part # MMA3202EGR2
Download  MMA3202EGR2 Download
File Size   150.45 Kbytes
Page   10 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description Surface Mount Micromachined Accelerometer

MMA3202EGR2 Datasheet (PDF)

Go To PDF Page Download Datasheet
MMA3202EGR2 Datasheet PDF - Freescale Semiconductor, Inc

Part # MMA3202EGR2
Download  MMA3202EGR2 Click to download

File Size   150.45 Kbytes
Page   10 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description Surface Mount Micromachined Accelerometer

MMA3202EGR2 Datasheet (HTML) - Freescale Semiconductor, Inc


MMA3202EGR2 Product details

XY-AXIS SENSITIVITY MICROMACHINED ACCELEROMETER ±100/50g



The MMA3202 series of dual axis (X and Y) silicon capacitive, micromachined accelerometers features signal conditioning, a 4-pole low pass filter and temperature compensation and separate outputs for the two axes. Zero-g offset full scale span and filter cut-off are factory set and require no external devices. A full system self-test capability verifies system functionality.



Features

• Sensitivity in two separate axes: 100g X-axis and 50g Y-axis

• Integral Signal Conditioning

• Linear Output

• Ratiometric Performance

• 4th Order Bessel Filter Preserves Pulse Shape Integrity

• Calibrated Self-test

• Low Voltage Detect, Clock Monitor, and EPROM Parity Check Status

• Transducer Hermetically Sealed at Wafer Level for Superior Reliability

• Robust Design, High Shocks Survivability

• Qualified AEC-Q100, Rev. F Grade 2 (-40°C/ +105°C)



Typical Applications

• Vibration Monitoring and Recording

• Impact Monitoring

• Appliance Control

• Mechanical Bearing Monitoring

• Computer Hard Drive Protection

• Computer Mouse and Joysticks

• Virtual Reality Input Devices

• Sports Diagnostic Devices and Systems




Similar Part No. - MMA3202EGR2

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMA3202EGR2 FREESCALE-MMA3202EGR2 Datasheet
244Kb / 10P
Surface Mount Micromachined Accelerometer
logo
NXP Semiconductors
MMA3202EGR2 NXP-MMA3202EGR2 Datasheet
181Kb / 11P
Surface Mount Micromachined Accelerometer
Rev 1, 11/2012
More results


Similar Description - MMA3202EGR2

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMA3202D FREESCALE-MMA3202D Datasheet
221Kb / 12P
Surface Mount Micromachined Accelerometer
MMA1210 FREESCALE-MMA1210 Datasheet
287Kb / 10P
Surface Mount Micromachined Accelerometer
MMA1211 FREESCALE-MMA1211 Datasheet
288Kb / 10P
Surface Mount Micromachined Accelerometer
MMA1213 FREESCALE-MMA1213 Datasheet
288Kb / 10P
Surface Mount Micromachined Accelerometer
MMA2300 FREESCALE-MMA2300 Datasheet
276Kb / 10P
Surface Mount Micromachined Accelerometer
MMA3201KEG-12 FREESCALE-MMA3201KEG-12 Datasheet
117Kb / 11P
Surface Mount Micromachined Accelerometer
MMA3221KEG FREESCALE-MMA3221KEG Datasheet
139Kb / 11P
Surface Mount Micromachined Accelerometer
logo
NXP Semiconductors
MMA2301KEG NXP-MMA2301KEG Datasheet
166Kb / 11P
Surface Mount Micromachined Accelerometer
Rev 1, 11/2012
MMA3202KEG NXP-MMA3202KEG Datasheet
181Kb / 11P
Surface Mount Micromachined Accelerometer
Rev 1, 11/2012
MMA1211KEG NXP-MMA1211KEG Datasheet
180Kb / 10P
Surface Mount Micromachined Accelerometer
Rev 0, 08/2011
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com