Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C60 Datasheet (PDF) - Powerbox

C60 Datasheet PDF - Powerbox
Part # C60
Download  C60 Download
File Size   2471.71 Kbytes
Page   2 Pages
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox
Description 1 WATTS 100-8KV SINGLE OUTPUT DC/DC INDUSTRIAL

C60 Datasheet (PDF)

Go To PDF Page Download Datasheet
C60 Datasheet PDF - Powerbox

Part # C60
Download  C60 Click to download

File Size   2471.71 Kbytes
Page   2 Pages
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox
Description 1 WATTS 100-8KV SINGLE OUTPUT DC/DC INDUSTRIAL

C60 Datasheet (HTML) - Powerbox


C60 Product details

Features

• Low ripple

• Miniature size

• Regulated

• 0-100% programmable output

• High stability, typically <50pm/°C

• Wide input voltage range, 11.5V to 16V

• Very low EMI/RFI

• Steel case with isolated case ground

• External gain adjust



 




Similar Part No. - C60

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
C60 XPPOWER-C60 Datasheet
981Kb / 12P
MINIATURE, REGULATED HIGH VOLTAGE DC TO DC CONVERTERS
logo
Willow Technologies Ltd
C60 WILLOW-C60 Datasheet
768Kb / 2P
Optically Isolated 0.5 to 2.5A
logo
TP-Link Technologies Co...
C60 TP-LINK-C60 Datasheet
1Mb / 7P
Dual Band | MU-MIMO
C60 TP-LINK-C60 Datasheet
884Kb / 6P
Wireless Dual Band Router
C60 TP-LINK-C60 Datasheet
2Mb / 6P
Wireless Dual Band Router
More results


Similar Description - C60

ManufacturerPart #DatasheetDescription
logo
Powerbox
F01 POWERBOX-F01 Datasheet
493Kb / 2P
10 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
G01CT POWERBOX-G01CT Datasheet
564Kb / 3P
1.5-10 WATTS SINGLE OUTPUT DC/DC INDUSTRIAL
MAA02 POWERBOX-MAA02 Datasheet
532Kb / 2P
1.5 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
MAB03 POWERBOX-MAB03 Datasheet
709Kb / 2P
3 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
MAD26 POWERBOX-MAD26 Datasheet
529Kb / 2P
10 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
MAE25 POWERBOX-MAE25 Datasheet
508Kb / 2P
15 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
MAE34 POWERBOX-MAE34 Datasheet
488Kb / 2P
15 WATTS SINGLE & MULTI OUTPUT DC/DC INDUSTRIAL
MAH36 POWERBOX-MAH36 Datasheet
519Kb / 2P
25 WATTS SINGLE & MULTI OUTPUT DC/DC INDUSTRIAL
PSE100 POWERBOX-PSE100 Datasheet
560Kb / 2P
60 - 100 WATTS DC/DC SINGLE OUTPUT
Q01-5 POWERBOX-Q01-5 Datasheet
1Mb / 3P
0.5 WATTS - 100 - 10KV SINGLE OUTPUT DC/DC INDUSTRIAL
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com