Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FARM1C23 Datasheet (PDF) - Powerbox

FARM1C23 Datasheet PDF - Powerbox
Part # FARM1C23
Download  FARM1C23 Download
File Size   385.77 Kbytes
Page   1 Pages
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox
Description AUTORANGING AC INPUT WITH FILTER

FARM1C23 Datasheet (PDF)

Go To PDF Page Download Datasheet
FARM1C23 Datasheet PDF - Powerbox

Part # FARM1C23
Download  FARM1C23 Click to download

File Size   385.77 Kbytes
Page   1 Pages
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox
Description AUTORANGING AC INPUT WITH FILTER

FARM1C23 Datasheet (HTML) - Powerbox


FARM1C23 Product details

Production Information

The FARM (Filter/Autoranging Rectifier Module) is an AC front which provides EMI filtering, autoranging line rectification, transient protection and inrush current limiting. The FARM is available in either 500/750W or 750/1000W models in a mini sized package measuring only 57.9x55.9x12.7mm.



Features

• Autoranging 115/230VAC input

• EMI filtering

• 500W or 750W models

• Inrush current limiting

• 96% Efficiency

• Mini sized package

• Power fail signal

• Module enable




Similar Part No. - FARM1C23

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
FARM1C23 VICOR-FARM1C23 Datasheet
314Kb / 12P
FARM Filter/ Autoranging Rectifier Module
FARM1C23 VICOR-FARM1C23 Datasheet
1Mb / 11P
Autoranging Rectifier Module Up to 1000 Watts
FARM1C23 VICOR-FARM1C23 Datasheet
695Kb / 11P
Filter/Autoranging Rectifier Module Up to 1000 Watts
FARM1C23 VICOR-FARM1C23 Datasheet
695Kb / 11P
Filter/Autoranging Rectifier Module Up to 1000 Watts
More results


Similar Description - FARM1C23

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
FARM VICOR-FARM Datasheet
314Kb / 12P
FARM Filter/ Autoranging Rectifier Module
VI-RU VICOR-VI-RU Datasheet
208Kb / 4P
50 to 600W Autoranging AC-DC Switchers
VI-LU1-23 VICOR-VI-LU1-23 Datasheet
304Kb / 4P
50 to 600 W Autoranging AC-DC Switchers
logo
Extech Instruments Corp...
38390 EXTECH-38390 Datasheet
54Kb / 1P
Autoranging 400A AC Mini Clamp Meter
MN26 EXTECH-MN26 Datasheet
156Kb / 10P
Mini Autoranging MultiMeter
logo
Powerbox
VI-ARM-C11 POWERBOX-VI-ARM-C11 Datasheet
506Kb / 1P
AC INPUT - AUTORANGING
logo
Vicor Corporation
483974 VICOR-483974 Datasheet
626Kb / 11P
Filter/Autoranging Rectifier Module Up to 1000 Watts
logo
List of Unclassifed Man...
UAW125S-12 ETC2-UAW125S-12 Datasheet
169Kb / 3P
Autoranging input
logo
Powerbox
FARM-AC POWERBOX-FARM-AC Datasheet
254Kb / 1P
Autoranging 115/230VAC input
logo
Vicor Corporation
FARM1C11 VICOR-FARM1C11_17 Datasheet
695Kb / 11P
Filter/Autoranging Rectifier Module Up to 1000 Watts
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com