Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD40-30 Datasheet (PDF) - Powerbox

PD40-30 Datasheet PDF - Powerbox
Part # PD40-30
Download  PD40-30 Download
File Size   1377.61 Kbytes
Page   4 Pages
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox
Description 40-110 WATTS WIDE INPUT

PD40-30 Datasheet (PDF)

Go To PDF Page Download Datasheet
PD40-30 Datasheet PDF - Powerbox

Part # PD40-30
Download  PD40-30 Click to download

File Size   1377.61 Kbytes
Page   4 Pages
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox
Description 40-110 WATTS WIDE INPUT

PD40-30 Datasheet (HTML) - Powerbox


PD40-30 Product details

Features

• Low cost

• 100% burn-in

• Small size, light weight

• Overvoltage protection

• Overcurrent protection

• Three wide input ranges: 10–30VDC, 20–60VDC, 30–90VDC




Similar Part No. - PD40-30

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PD40-30 ETC-PD40-30 Datasheet
74Kb / 2P
DC/DC Converters
logo
Tumbler Technologies + ...
PD40-30 TRUMPOWER-PD40-30 Datasheet
224Kb / 3P
40 WATT DC TO DC CONVERTERS
PD40-30 TRUMPOWER-PD40-30 Datasheet
224Kb / 3P
40 WATT DC TO DC CONVERTERS
More results


Similar Description - PD40-30

ManufacturerPart #DatasheetDescription
logo
Power-One
MAP40 POWER-ONE-MAP40 Datasheet
127Kb / 3P
Wide Range Input for 110/220 VAC Applications
MAP80 POWER-ONE-MAP80 Datasheet
234Kb / 4P
Wide Range Input for 110/220 VAC Applications
logo
Astec America, Inc
LPQ110 ASTEC-LPQ110 Datasheet
81Kb / 2P
110 Watts
LPS110 ASTEC-LPS110 Datasheet
203Kb / 2P
110 Watts
LPT40 ASTEC-LPT40 Datasheet
82Kb / 3P
40 Watts
LPT40-M ASTEC-LPT40-M Datasheet
81Kb / 3P
40 Watts
SA40-1313 ASTEC-SA40-1313 Datasheet
513Kb / 2P
40 Watts
logo
Advanced Power Technolo...
1517-110M ADPOW-1517-110M Datasheet
113Kb / 4P
110 Watts, 40 Volts, 200us, 10% Radar 1480 to 1650 MHz
logo
Power-One
BLP40-1005 POWER-ONE-BLP40-1005 Datasheet
118Kb / 5P
40 Watts
logo
MicroPower Direct, LLC
MDCFM-40U MPD-MDCFM-40U Datasheet
842Kb / 4P
40 to 110 VDC Input
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com