Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P0201D05C Datasheet (PDF) - Protek Devices

P0201D05C Datasheet PDF - Protek Devices
Part # P0201D05C
Download  P0201D05C Download
File Size   107.09 Kbytes
Page   3 Pages
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices
Description STANDARD TVS COMPONENTS

P0201D05C Datasheet (PDF)

Go To PDF Page Download Datasheet
P0201D05C Datasheet PDF - Protek Devices

Part # P0201D05C
Download  P0201D05C Click to download

File Size   107.09 Kbytes
Page   3 Pages
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices
Description STANDARD TVS COMPONENTS

P0201D05C Datasheet (HTML) - Protek Devices


P0201D05C Product details

DESCRIPTION
The P0201D05C is a transient voltage suppressor array (TVS) designed to protect applicatons such as wireless telecommunicaton devices and portable electronics.
The P0201D05C is available in a bidirectonal confguraton with a working voltage of 4.7V and a minimum breakdown voltage of 5.7V. This device is rated for 10 Watt peak pulse power using the 8/20µs waveform, which is sufcient protecton for tertary type lightning threats at key interface locatons.
At higher operatng frequencies or faster edge rates, inserton loss and signal integrity are a major concern. This device in conjuncton with passive components integrated into a TVS/flter network can be used for EMI/RFI protecton.

FEATURES
• Compatble with IEC 61000-4-2 (ESD): Air - 15kV, Contact - 8kV
• 10 Wats Peak Pulse Power per Line (tp = 8/20µs)
• Industry First 0201 Package for TVS Protecton
• Bidirectonal Confguraton
• Provides 1 Line of Protecton
• Low Clamping Voltage
• Easy Placement for Manufacturing
• Low Capacitance
• RoHS Compliant
• REACH Compliant

APPLICATIONS
• Noise Suppression for Data Lines
• SMART Phones
• Portable Electronics




Similar Part No. - P0201D05C

ManufacturerPart #DatasheetDescription
logo
Protek Devices
P0201D05C PROTEC-P0201D05C Datasheet
522Kb / 6P
low capacitance miniature TVS ARRAY
P0201D05C PROTEC-P0201D05C_11 Datasheet
522Kb / 6P
low capacitance miniature TVS ARRAY
P0201D05C PROTEC-P0201D05C_12 Datasheet
481Kb / 6P
LOW CAPACITANCE MINIATURE TVS ARRAY
More results


Similar Description - P0201D05C

ManufacturerPart #DatasheetDescription
logo
Protek Devices
MSMF05 PROTEC-MSMF05 Datasheet
100Kb / 4P
STANDARD TVS ARRAY
MSMF05C PROTEC-MSMF05C Datasheet
101Kb / 4P
STANDARD TVS ARRAY
PRSB68C PROTEC-PRSB68C Datasheet
93Kb / 5P
STANDARD TVS COMPONENTS
PRSB6.8C PROTEC-PRSB6.8C_07 Datasheet
70Kb / 4P
STANDARD TVS COMPONENTS
PRSB6.8CF PROTEC-PRSB6.8CF Datasheet
74Kb / 4P
STANDARD TVS COMPONENTS
logo
List of Unclassifed Man...
PS25003 ETC2-PS25003 Datasheet
6Mb / 23P
Demonstration Kit Standard Components
logo
Protek Devices
SM10KW PROTEC-SM10KW_15 Datasheet
430Kb / 6P
60 KILOWATT TVS COMPONENTS
SM10KW10A PROTEC-SM10KW10A Datasheet
439Kb / 6P
60 KILOWATT TVS COMPONENTS
logo
SUNMATE electronic Co.,...
PEDSD03C SUNMATE-PEDSD03C Datasheet
241Kb / 3P
STANDARD CAPACITANCE TVS
logo
Protek Devices
SM30KWEXXA PROTEC-SM30KWEXXA Datasheet
526Kb / 7P
30 kilowa tt TVS ComponentS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com