Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCD1205D Datasheet (PDF) - Toshiba Semiconductor

TCD1205D Datasheet PDF - Toshiba Semiconductor
Part # TCD1205D
Download  TCD1205D Download
File Size   484.8 Kbytes
Page   14 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description CCD LINEAR IMAGE SENSOR

TCD1205D Datasheet (PDF)

Go To PDF Page Download Datasheet
TCD1205D Datasheet PDF - Toshiba Semiconductor

Part # TCD1205D
Download  TCD1205D Click to download

File Size   484.8 Kbytes
Page   14 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description CCD LINEAR IMAGE SENSOR

TCD1205D Datasheet (HTML) - Toshiba Semiconductor


TCD1205D Product details

The TCD1205D is a high sensitive and low dark current 2048−elements linear image sensor. The sensor can be used for POS handscanner. The device is operated by only 5V power supply, and mounted in 22−pin cerdip package with hermetic sealed optical glass window.

The TCD1205D has electronic shutter function (ICG). Electronic shutter function can keep always output voltage constant that vary with the intensity of lights.



FEATURES

• Number of Image Sensing Elements : 2048

• Image Sensing Element Size           : 14µm by 200µm on 14µm centers

• Photo Sensing Region                   : High sensitive and low dark current pn photodiode

• Clock                                         : 2 phase (5V)

• Internal Circuit                             : Electronic shutter function (ICG)

• Package                                      : 22 pin cerdip



 




Similar Part No. - TCD1205D

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TCD1205DG TOSHIBA-TCD1205DG Datasheet
156Kb / 2P
2048-elements, embedded electronic shutter function, for barcode scanner
More results


Similar Description - TCD1205D

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TCD1304AP TOSHIBA-TCD1304AP Datasheet
511Kb / 14P
CCD LINEAR IMAGE SENSOR
TCD1500C TOSHIBA-TCD1500C Datasheet
469Kb / 13P
CCD LINEAR IMAGE SENSOR
TCD1501C TOSHIBA-TCD1501C Datasheet
450Kb / 12P
CCD LINEAR IMAGE SENSOR
TCD1502C TOSHIBA-TCD1502C Datasheet
439Kb / 12P
CCD LINEAR IMAGE SENSOR
TCD1703C TOSHIBA-TCD1703C Datasheet
423Kb / 11P
CCD LINEAR IMAGE SENSOR
TCD1705D TOSHIBA-TCD1705D Datasheet
405Kb / 11P
CCD LINEAR IMAGE SENSOR
TCD2300C TOSHIBA-TCD2300C Datasheet
558Kb / 14P
CCD LINEAR IMAGE SENSOR
TCD2503C TOSHIBA-TCD2503C Datasheet
466Kb / 12P
CCD LINEAR IMAGE SENSOR
TCD2701C TOSHIBA-TCD2701C Datasheet
495Kb / 13P
CCD LINEAR IMAGE SENSOR
logo
ON Semiconductor
KLI-2104 ONSEMI-KLI-2104 Datasheet
279Kb / 22P
Linear CCD Image Sensor
April, 2015 ??Rev. 2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com